Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 242 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 242 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 238Page - Renesas Technology Corp HD64F2149 Datasheet HTML 239Page - Renesas Technology Corp HD64F2149 Datasheet HTML 240Page - Renesas Technology Corp HD64F2149 Datasheet HTML 241Page - Renesas Technology Corp HD64F2149 Datasheet HTML 242Page - Renesas Technology Corp HD64F2149 Datasheet HTML 243Page - Renesas Technology Corp HD64F2149 Datasheet HTML 244Page - Renesas Technology Corp HD64F2149 Datasheet HTML 245Page - Renesas Technology Corp HD64F2149 Datasheet HTML 246Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 214 of 1044
REJ09B0280-0300
Modes 2 and 3 (EXPE = 0): In modes 2 and 3 (when EXPE = 0), port 2 pins function as PWM
outputs (timer connection output (CBLANK)) or I/O ports, and input or output can be specified on
a bit-by-bit basis. When a bit in P2DDR is set to 1, the corresponding pin functions as a PWM
output or output port, and when cleared to 0, as an input port. P27 can be used as an on-chip
supporting module output pin regardless of the P27DDR setting.
The port 2 pin functions are shown in figure 8.8.
P27 (I/O)/CBLANK (Output)
P26 (I/O)
P25 (I/O)
P24 (I/O)
P23 (I/O)
P22 (I/O)
P21 (I/O)
P20 (I/O)
Port 2
P2n: Input pin when P2DDR = 0,
output pin when P2DDR = 1
and PWOERB = 0
PW15 (Output)/CBLANK (Output)
PW14 (Output)
PW13 (Output)
PW12 (Output)
PW11 (Output)
PW10 (Output)
PW9 (Output)
PW8 (Output)
When P2DDR = 1
and PWOERB = 1
Figure 8.8 Port 2 Pin Functions (Modes 2 and 3 (EXPE = 0))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com