Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 241 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 241 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 237Page - Renesas Technology Corp HD64F2149 Datasheet HTML 238Page - Renesas Technology Corp HD64F2149 Datasheet HTML 239Page - Renesas Technology Corp HD64F2149 Datasheet HTML 240Page - Renesas Technology Corp HD64F2149 Datasheet HTML 241Page - Renesas Technology Corp HD64F2149 Datasheet HTML 242Page - Renesas Technology Corp HD64F2149 Datasheet HTML 243Page - Renesas Technology Corp HD64F2149 Datasheet HTML 244Page - Renesas Technology Corp HD64F2149 Datasheet HTML 245Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 241 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 213 of 1044
REJ09B0280-0300
8.3.3
Pin Functions in Each Mode
Mode 1: In mode 1, port 2 pins automatically function as address outputs. The port 2 pin functions
are shown in figure 8.6.
A15 (Output)
A14 (Output)
A13 (Output)
A12 (Output)
A11 (Output)
A10 (Output)
A9 (Output)
A8 (Output)
Port 2
Figure 8.6 Port 2 Pin Functions (Mode 1)
Modes 2 and 3 (EXPE = 1): In modes 2 and 3 (when EXPE = 1), port 2 pins function as address
outputs, PWM outputs, or I/O ports, and input or output can be specified on a bit-by-bit basis.
When a bit in P2DDR is set to 1, the corresponding pin functions as an address output or PWM
output, and when cleared to 0, as an input port. P27 to P24 are switched from address outputs to
output ports by setting the IOSE bit to 1. P27 can be used as an on-chip supporting module output
pin regardless of the P27DDR setting, but to ensure normal access to external space, P27 should
not be set as an on-chip supporting module output pin when port 2 pins are used as address output
pins.
The port 2 pin functions are shown in figure 8.7.
A15 (Output)/P27 (Output)
A14 (Output)/P26 (Output)
A13 (Output)/P25 (Output)
A12 (Output)/P24 (Output)
A11 (Output)
A10 (Output)
A9 (Output)
A8 (Output)
Port 2
When P2DDR = 1
and PWOERB = 0
P27 (Input)/CBLANK (Output)
P26 (Input)
P25 (Input)
P24 (Input)
P23 (Input)
P22 (Input)
P21 (Input)
P20 (Input)
When P2DDR = 0
PW15 (Output)/CBLANK (Output)
PW14 (Output)
PW13 (Output)
PW12 (Output)
PW11 (Output)
PW10 (Output)
PW9 (Output)
PW8 (Output)
When P2DDR = 1
and PWOERB = 1
Figure 8.7 Port 2 Pin Functions (Modes 2 and 3 (EXPE = 1))



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com