Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 252 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 252 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 248Page - Renesas Technology Corp HD64F2149 Datasheet HTML 249Page - Renesas Technology Corp HD64F2149 Datasheet HTML 250Page - Renesas Technology Corp HD64F2149 Datasheet HTML 251Page - Renesas Technology Corp HD64F2149 Datasheet HTML 252Page - Renesas Technology Corp HD64F2149 Datasheet HTML 253Page - Renesas Technology Corp HD64F2149 Datasheet HTML 254Page - Renesas Technology Corp HD64F2149 Datasheet HTML 255Page - Renesas Technology Corp HD64F2149 Datasheet HTML 256Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 224 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
P44/TMO1/
HIRQ1/HSYNCO
The pin function is switched as shown below according to the combination of
bit HI12E in SYSCR2, bits OS3 to OS0 in TCSR of TMR1, bit HOE in
TCONRO of the timer connection function, and bit P44DDR.
HOE
0
1
OS3 to OS0
All 0
Not all 0
—
P44DDR
0
1
——
HI12E
—
01
——
Pin function
P44
input pin
P44
output pin
HIRQ1
output pin
TMO1
output pin
HSYNCO
output pin
P43/TMCI1/
HIRQ11/HSYNCI
The pin function is switched as shown below according to the combination of
bit HI12E in SYSCR2 and bit P43DDR.
P43DDR
0
1
HI12E
—
01
Pin function
P43 input pin
P43 output pin
HIRQ11 output pin
TMCI1 input pin, HSYNCI input pin
When an external clock is selected with bits CKS2 to CKS0 in TCR1 of TMR1,
this pin is used as the TMCI1 input pin. It can also be used as the HSYNCI
input pin.
P42/TMRI0/
SCK2/SDA1
The pin function is switched as shown below according to the combination of
bit ICE in ICCR of IIC1, bits CKE1 and CKE0 in SCR of SCI2, bit C/
A in SMR
of SCI2, and bit P42DDR.
ICE
0
1
CKE1
0
1
0
C/
A
01
—
0
CKE0
0
1
——
0
P42DDR
0
1
———
—
Pin function
P42
input pin
P42
output pin
SCK2
output pin
SCK2
output pin
SCK2
input pin
SDA1
I/O pin
TMRI0 input pin
When this pin is used as the SDA1 I/O pin, bits CKE1 and CKE0 in SCR of
SCI2 and bit C/
A in SMR of SCI2 must all be cleared to 0. SDA1 is an NMOS-
only output, and has direct bus drive capability.
When bits CCLR1 and CCLR0 in TCR0 of TMR0 are set to 1, this pin is used
as the TMRI0 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com