Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 256 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 256 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 252Page - Renesas Technology Corp HD64F2149 Datasheet HTML 253Page - Renesas Technology Corp HD64F2149 Datasheet HTML 254Page - Renesas Technology Corp HD64F2149 Datasheet HTML 255Page - Renesas Technology Corp HD64F2149 Datasheet HTML 256Page - Renesas Technology Corp HD64F2149 Datasheet HTML 257Page - Renesas Technology Corp HD64F2149 Datasheet HTML 258Page - Renesas Technology Corp HD64F2149 Datasheet HTML 259Page - Renesas Technology Corp HD64F2149 Datasheet HTML 260Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 228 of 1044
REJ09B0280-0300
8.6.3
Pin Functions
Port 5 pins also function as SCI0 I/O pins (TxD0, RxD0, SCK0) and the IIC0 I/O pin (SCL0). The
port 5 pin functions are shown in table 8.11.
Table 8.11
Port 5 Pin Functions
Pin
Selection Method and Pin Functions
P52/SCK0/SCL0
The pin function is switched as shown below according to the combination of
bits CKE1 and CKE0 in SCR of SCI0, bit C/
A in SMR of SCI0, bit ICE in ICCR
of IIC0, and bit P52DDR.
ICE
0
1
CKE1
0
1
0
C/
A
01
—
0
CKE0
0
1
——
0
P52DDR
0
1
——
——
Pin function
P52
input pin
P52
output pin
SCK0
output pin
SCK0
output pin
SCK0
input pin
SCL0
I/O pin
When this pin is used as the SCL0 I/O pin, bits CKE1 and CKE0 in SCR of
SCI0 and bit C/
A in SMR of SCI0 must all be cleared to 0.
SCL0 is an NMOS open-drain output, and has direct bus drive capability.
When set as the P52 output pin or SCK0 output pin, this pin is an NMOS push-
pull output.
P51/RxD0
The pin function is switched as shown below according to the combination of
bit RE in SCR of SCI0 and bit P51DDR.
RE
0
1
P51DDR
0
1
—
Pin function
P51 input pin
P51 output pin
RxD0 input pin
P50/TxD0
The pin function is switched as shown below according to the combination of
bit TE in SCR of SCI0 and bit P50DDR.
TE
0
1
P50DDR
0
1
—
Pin function
P50 input pin
P50 output pin
TxD0 output pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com