Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 249Page - Renesas Technology Corp HD64F2149 Datasheet HTML 250Page - Renesas Technology Corp HD64F2149 Datasheet HTML 251Page - Renesas Technology Corp HD64F2149 Datasheet HTML 252Page - Renesas Technology Corp HD64F2149 Datasheet HTML 253Page - Renesas Technology Corp HD64F2149 Datasheet HTML 254Page - Renesas Technology Corp HD64F2149 Datasheet HTML 255Page - Renesas Technology Corp HD64F2149 Datasheet HTML 256Page - Renesas Technology Corp HD64F2149 Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1075 page
background image
Section 8 I/O Ports
Rev. 3.00 Jan 18, 2006 page 225 of 1044
REJ09B0280-0300
Pin
Selection Method and Pin Functions
P41/TMO0/RxD2/
IrRxD
The pin function is switched as shown below according to the combination of
bits OS3 to OS0 in TCSR of TMR0, bit RE in SCR of SCI2 and bit P41DDR.
OS3 to OS0
All 0
Not all 0
RE
0
1
0
P41DDR
0
1
——
Pin function
P41
input pin
P41
output pin
RxD2/IrRxD
input pin
TMO0
output pin
When this pin is used as the TMO0 output pin, bit RE in SCR of SCI2 must be
cleared to 0.
P40/TMCI0/TxD2/
IrTxD
The pin function is switched as shown below according to the combination of
bit TE in SCR of SCI2 and bit P40DDR.
TE
0
1
P40DDR
0
1
—
Pin function
P40
input pin
P40
output pin
TxD2/IrTxD
output pin
TMCI0 input pin
When an external clock is selected with bits CKS2 to CKS0 in TCR0 of TMR0,
this pin is used as the TMCI0 input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com