Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 313 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 313 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 309Page - Renesas Technology Corp HD64F2149 Datasheet HTML 310Page - Renesas Technology Corp HD64F2149 Datasheet HTML 311Page - Renesas Technology Corp HD64F2149 Datasheet HTML 312Page - Renesas Technology Corp HD64F2149 Datasheet HTML 313Page - Renesas Technology Corp HD64F2149 Datasheet HTML 314Page - Renesas Technology Corp HD64F2149 Datasheet HTML 315Page - Renesas Technology Corp HD64F2149 Datasheet HTML 316Page - Renesas Technology Corp HD64F2149 Datasheet HTML 317Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 313 / 1075 page
background image
Section 9 8-Bit PWM Timers
Rev. 3.00 Jan 18, 2006 page 285 of 1044
REJ09B0280-0300
Table 9.3
Resolution, PWM Conversion Period, and Carrier Frequency when
φφφφ = 10 MHz
Internal Clock
Frequency
Resolution
PWM Conversion
Period
Carrier Frequency
φ
100 ns
25.6
µs
625 kHz
φ/2
200 ns
51.2
µs
312.5 kHz
φ/4
400 ns
102.4
µs
156.3 kHz
φ/8
800 ns
204.8
µs
78.1 kHz
φ/16
1600 ns
409.6
µs
39.1 kHz
Bit 5—Reserved: This bit is always read as 1 and cannot be modified.
Bit 4—Reserved: This bit is always read as 0 and cannot be modified.
Bits 3 to 0—Register Select (RS3 to RS0): These bits select the PWM data register.
Bit 3
Bit 2
Bit 1
Bit 0
RS3
RS2
RS1
RS0
Register Selection
00
00
PWDR0 selected
1
PWDR1 selected
1
0
PWDR2 selected
1
PWDR3 selected
1
0
0
PWDR4 selected
1
PWDR5 selected
1
0
PWDR6 selected
1
PWDR7 selected
10
00
PWDR8 selected
1
PWDR9 selected
1
0
PWDR10 selected
1
PWDR11 selected
1
0
0
PWDR12 selected
1
PWDR13 selected
1
0
PWDR14 selected
1
PWDR15 selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com