| Electronic Components Datasheet Search |
|
HD64F2149 Datasheet(PDF) 314 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2149 Datasheet(HTML) 314 Page - Renesas Technology Corp |
|
314 / 1075 page ![]() Section 9 8-Bit PWM Timers Rev. 3.00 Jan 18, 2006 page 286 of 1044 REJ09B0280-0300 9.2.2 PWM Data Registers (PWDR0 to PWDR15) Bit Initial value Read/Write 7 0 R/W 6 0 R/W 5 0 R/W 4 0 R/W 3 0 R/W 0 0 R/W 2 0 R/W 1 0 R/W Each PWDR is an 8-bit readable/writable register that specifies the duty cycle of the basic pulse to be output, and the number of additional pulses. The value set in PWDR corresponds to a 0 or 1 ratio in the conversion period. The upper 4 bits specify the duty cycle of the basic pulse as 0/16 to 15/16 with a resolution of 1/16. The lower 4 bits specify how many extra pulses are to be added within the conversion period comprising 16 basic pulses. Thus, a specification of 0/256 to 255/256 is possible for 0/1 ratios within the conversion period. For 256/256 (100%) output, port output should be used. PWDR is initialized to H'00 by a reset, and in the standby modes, watch mode, subactive mode, subsleep mode, and module stop mode. 9.2.3 PWM Data Polarity Registers A and B (PWDPRA and PWDPRB) PWDPRA Bit Initial value Read/Write 7 OS7 0 R/W 6 OS6 0 R/W 5 OS5 0 R/W 4 OS4 0 R/W 3 OS3 0 R/W 0 OS0 0 R/W 2 OS2 0 R/W 1 OS1 0 R/W PWDPRB Bit Initial value Read/Write 7 OS15 0 R/W 6 OS14 0 R/W 5 OS13 0 R/W 4 OS12 0 R/W 3 OS11 0 R/W 0 OS8 0 R/W 2 OS10 0 R/W 1 OS9 0 R/W Each PWDPR is an 8-bit readable/writable register that controls the polarity of the PWM output. Bits OS0 to OS15 correspond to outputs PW0 to PW15. PWDPR is initialized to H'00 by a reset and in hardware standby mode. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |