Electronic Components Datasheet Search
  English  ▼

X  

HD64F2149 Datasheet(PDF) 315 Page - Renesas Technology Corp

Part # HD64F2149
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1075 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2149 Datasheet(HTML) 315 Page - Renesas Technology Corp

Back Button HD64F2149 Datasheet HTML 311Page - Renesas Technology Corp HD64F2149 Datasheet HTML 312Page - Renesas Technology Corp HD64F2149 Datasheet HTML 313Page - Renesas Technology Corp HD64F2149 Datasheet HTML 314Page - Renesas Technology Corp HD64F2149 Datasheet HTML 315Page - Renesas Technology Corp HD64F2149 Datasheet HTML 316Page - Renesas Technology Corp HD64F2149 Datasheet HTML 317Page - Renesas Technology Corp HD64F2149 Datasheet HTML 318Page - Renesas Technology Corp HD64F2149 Datasheet HTML 319Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 315 / 1075 page
background image
Section 9 8-Bit PWM Timers
Rev. 3.00 Jan 18, 2006 page 287 of 1044
REJ09B0280-0300
OS
Description
0
PWM direct output (PWDR value corresponds to high width of output)
(Initial value)
1
PWM inverted output (PWDR value corresponds to low width of output)
9.2.4
PWM Output Enable Registers A and B (PWOERA and PWOERB)
PWOERA
Bit
Initial value
Read/Write
7
OE7
0
R/W
6
OE6
0
R/W
5
OE5
0
R/W
4
OE4
0
R/W
3
OE3
0
R/W
0
OE0
0
R/W
2
OE2
0
R/W
1
OE1
0
R/W
PWOERB
Bit
Initial value
Read/Write
7
OE15
0
R/W
6
OE14
0
R/W
5
OE13
0
R/W
4
OE12
0
R/W
3
OE11
0
R/W
0
OE8
0
R/W
2
OE10
0
R/W
1
OE9
0
R/W
Each PWOER is an 8-bit readable/writable register that switches between PWM output and port
output. Bits OE15 to OE0 correspond to outputs PW15 to PW0. To set a pin in the output state, a
setting in the port direction register is also necessary. Bits P17DDR to P10DDR correspond to
outputs PW7 to PW0, and bits P27DDR to P20DDR correspond to outputs PW15 to PW8.
PWOER is initialized to H'00 by a reset and in hardware standby mode.
DDR
OE
Description
0
0
Port input
(Initial value)
1
Port input
1
0
Port output or PWM 256/256 output
1
PWM output (0 to 255/256 output)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com