Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 330 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 330 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 326Page - Renesas Technology Corp HD6432148SW Datasheet HTML 327Page - Renesas Technology Corp HD6432148SW Datasheet HTML 328Page - Renesas Technology Corp HD6432148SW Datasheet HTML 329Page - Renesas Technology Corp HD6432148SW Datasheet HTML 330Page - Renesas Technology Corp HD6432148SW Datasheet HTML 331Page - Renesas Technology Corp HD6432148SW Datasheet HTML 332Page - Renesas Technology Corp HD6432148SW Datasheet HTML 333Page - Renesas Technology Corp HD6432148SW Datasheet HTML 334Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 330 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 286 of 1130
REJ09B0327-0400
9.2.5
Peripheral Clock Select Register (PCSR)
Bit
Initial value
Read/Write
7
—
0
—
6
—
0
—
5
—
0
—
4
—
0
—
3
—
0
—
0
—
0
—
2
PWCKB
0
R/W
1
PWCKA
0
R/W
PCSR is an 8-bit readable/writable register that selects the PWM timer input clock.
PCSR is initialized to H'00 by a reset, and in hardware standby mode.
Bits 7 to 3—Reserved: These bits cannot be modified and are always read as 0.
Bits 2 and 1—PWM Clock Select (PWCKB, PWCKA): Together with bits PWCKE and
PWCKS in PWSL, these bits select the internal clock input to TCNT in the PWM timer. For
details, see section 9.2.1, PWM Register Select (PWSL).
Bit 0—Reserved: Do not set this bit to 1.
9.2.6
Port 1 Data Direction Register (P1DDR)
Bit
Initial value
Read/Write
7
P17DDR
0
W
6
P16DDR
0
W
5
P15DDR
0
W
4
P14DDR
0
W
3
P13DDR
0
W
0
P10DDR
0
W
2
P12DDR
0
W
1
P11DDR
0
W
P1DDR is an 8-bit write-only register that specifies the input/output direction and PWM output for
each pin of port 1 on a bit-by-bit basis.
Port 1 pins are multiplexed with pins PW0 to PW7. The bit corresponding to a pin to be used for
PWM output should be set to 1.
For details on P1DDR, see section 8.2, Port 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com