Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 6Page - Renesas Technology Corp HD6432148SW Datasheet HTML 7Page - Renesas Technology Corp HD6432148SW Datasheet HTML 8Page - Renesas Technology Corp HD6432148SW Datasheet HTML 9Page - Renesas Technology Corp HD6432148SW Datasheet HTML 10Page - Renesas Technology Corp HD6432148SW Datasheet HTML 11Page - Renesas Technology Corp HD6432148SW Datasheet HTML 12Page - Renesas Technology Corp HD6432148SW Datasheet HTML 13Page - Renesas Technology Corp HD6432148SW Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page x of xliv
Item
Page
Revision (See Manual for Details)
8.1 Overview
Table 8.3 H8S/2144 Port
Functions
220
Table 8.3 amended
Expanded Modes
Single-Chip Mode
Port
Description
Pins
Mode 1
Mode 2, Mode 3
(EXPE = 1)
Mode 2, Mode 3
(EXPE = 0)
Port A
• 8-bit I/O port PA7 to PA0/
A23 to A16/
KIN15 to KIN8/
CIN15 to CIN8
I/O port also
functioning as
key-sense
interrupt input
(
KIN15 to
KIN8), and
expansion A/D
converter input
(CIN15 to
CIN8)
I/O port also
functioning as
address output (A23
to A16), key-sense
interrupt input
(
KIN15 to KIN8),
and expansion A/D
converter input
(CIN15 to CIN8)
I/O port also functioning as
key-sense interrupt input
(
KIN15 to KIN8) and
expansion A/D converter
input (CIN15 to CIN8)
8.7.2 Register
Configuration
Table 8.14 Port 6
Registers
247
Table 8.14 amended
(Before) System control register
→ (After) System control
register 2
8.9.3 Pin Functions
Table 8.19 Port 8 Pin
Functions
258
P81/GA20/CS2 selection method and pin function description
amended
Pin
Selection Method and Pin Functions
P81/GA20/
CS2
The pin function is switched as shown below according to the combination of
operating mode, bit CS2E in SYSCR, bit FGA20E in HICR of the HIF, and bit
P81DDR.
Operating
mode
Not slave mode
Slave mode
FGA20E
—
01
CS2E
—
01
—
P81DDR
0
1
0
1
—
01
Pin function
P81
input
pin
P81
output
pin
P81
input
pin
P81
output
pin
CS2
input
pin
P81
input
pin
GA20
output
pin
This pin should be used as the GA20 output pin or
CS2 input pin only in mode
2 or 3 (EXPE = 0).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com