Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 84Page - Renesas Technology Corp HD6432148SW Datasheet HTML 85Page - Renesas Technology Corp HD6432148SW Datasheet HTML 86Page - Renesas Technology Corp HD6432148SW Datasheet HTML 87Page - Renesas Technology Corp HD6432148SW Datasheet HTML 88Page - Renesas Technology Corp HD6432148SW Datasheet HTML 89Page - Renesas Technology Corp HD6432148SW Datasheet HTML 90Page - Renesas Technology Corp HD6432148SW Datasheet HTML 91Page - Renesas Technology Corp HD6432148SW Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 1177 page
background image
Section 2 CPU
Rev. 4.00 Sep 27, 2006 page 44 of 1130
REJ09B0327-0400
2.4
Register Configuration
2.4.1
Overview
The CPU has the internal registers shown in figure 2.7. There are two types of registers: general
registers and control registers.
T ———— I2 I1 I0
EXR*
7 6543210
PC
23
0
15
0 7
0 7
0
E0
E1
E2
E3
E4
E5
E6
E7
R0H
R1H
R2H
R3H
R4H
R5H
R6H
R7H
R0L
R1L
R2L
R3L
R4L
R5L
R6L
R7L
General Registers (Rn) and Extended Registers (En)
Control Registers (CR)
Legend:
Stack pointer
Program counter
Extended control register
Trace bit
Interrupt mask bits
Condition-code register
Interrupt mask bit
User bit or interrupt mask bit
SP:
PC:
EXR:
T:
I2 to I0:
CCR:
I:
UI:
Note: * Does not affect operation in this LSI.
ER0
ER1
ER2
ER3
ER4
ER5
ER6
ER7 (SP)
I UI HUN Z V C
CCR
76543210
Half-carry flag
User bit
Negative flag
Zero flag
Overflow flag
Carry flag
H:
U:
N:
Z:
V:
C:
Figure 2.7 CPU Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com