Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 76 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 76 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 72Page - Renesas Technology Corp HD6432148SW Datasheet HTML 73Page - Renesas Technology Corp HD6432148SW Datasheet HTML 74Page - Renesas Technology Corp HD6432148SW Datasheet HTML 75Page - Renesas Technology Corp HD6432148SW Datasheet HTML 76Page - Renesas Technology Corp HD6432148SW Datasheet HTML 77Page - Renesas Technology Corp HD6432148SW Datasheet HTML 78Page - Renesas Technology Corp HD6432148SW Datasheet HTML 79Page - Renesas Technology Corp HD6432148SW Datasheet HTML 80Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 32 of 1130
REJ09B0327-0400
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
I/O ports
P17 to
P10
72 to 79
Input/
output
Port 1: Eight input/output pins. The data direction of
each pin can be selected in the port 1 data direction
register (P1DDR). These pins have built-in MOS
input pull-ups, and also have LED drive capability.
P27 to
P20
60 to 67
Input/
output
Port 2: Eight input/output pins. The data direction of
each pin can be selected in the port 2 data direction
register (P2DDR). These pins have built-in MOS
input pull-ups, and also have LED drive capability.
P37 to
P30
89 to 82
Input/
output
Port 3: Eight input/output pins. The data direction of
each pin can be selected in the port 3 data direction
register (P3DDR). These pins have built-in MOS
input pull-ups, and also have LED drive capability.
P47 to
P40
56 to 49
Input/
output
Port 4: Eight input/output pins. The data direction of
each pin can be selected in the port 4 data direction
register (P4DDR).
P52 to
P50
12 to 14
Input/
output
Port 5: Three input/output pins. The data direction
of each pin can be selected in the port 5 data
direction register (P5DDR). P52 is an NMOS push-
pull output in the H8S/2148 Group and H8S/2147N,
and is a CMOS output in the H8S/2144 Group.
P67 to
P60
35 to 32
29 to 26
Input/
output
Port 6: Eight input/output pins. The data direction of
each pin can be selected in the port 6 data direction
register (P6DDR). These pins have built-in MOS
input pull-ups.
P77 to
P70
45 to 38
Input
Port 7: Eight input pins.
P86 to
P80
99 to 93
Input/
output
Port 8: Seven input/output pins. The data direction
of each pin can be selected in the port 8 data
direction register (P8DDR).
P97 to
P90
16 to 19
22 to 25
Input/
output
Port 9: Eight input/output pins. The data direction of
each pin (except P96) can be selected in the port 9
data direction register (P9DDR). P97 is an NMOS
push-pull output in the H8S/2148 Group and
H8S/2147N, and is a CMOS output in the H8S/2144
Group.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com