Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 14Page - Renesas Technology Corp HD6432148SW Datasheet HTML 15Page - Renesas Technology Corp HD6432148SW Datasheet HTML 16Page - Renesas Technology Corp HD6432148SW Datasheet HTML 17Page - Renesas Technology Corp HD6432148SW Datasheet HTML 18Page - Renesas Technology Corp HD6432148SW Datasheet HTML 19Page - Renesas Technology Corp HD6432148SW Datasheet HTML 20Page - Renesas Technology Corp HD6432148SW Datasheet HTML 21Page - Renesas Technology Corp HD6432148SW Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xviii of xliv
Item
Page
Revision (See Manual for Details)
831
Note
*4 added to table condition
Condition C: V
CC = 3.0 V to 3.6V
*4, AV
CC = 3.0 V to 3.6 V
*4,
AV
ref = 3.0 V to AVCC
*4, V
CCB = 3.0 V to 5.5 V
*4, ...
26.3.4 A/D Conversion
Characteristics
Table 26.27 A/D
Conversion
Characteristics (CIN15 to
CIN0 Input: 134/266-
State Conversion)
Note 4 amended
Note: 4. When using CIN, the applicable range is V
CC = 3.0 V to
3.6 V, ...
833
Table 26.29 amended
Item amended (Before) Wait time after dummy write
→ (After)
Wait time after H'FF dummy write
Symbol of wait time after SWE-bit clear (Before)
Θ → (After) θ
Item
Symbol
Min
Typ
Max
Unit
Test
Condition
Reprogramming count
N
WEC
100*
8
10000*
9
—
Times
Data retention time*
10
t
DRP
10
—
—
Years
Programming Wait time after SWE-bit setting*
1
x1
——
µs
26.3.6 Flash Memory
Characteristics
Table 26.29 Flash
Memory Characteristics
(Programming/erasing
operating range)
834
Notes 8 to 10 added
Notes: 8. Minimum number of times for which all
characteristics are guaranteed after rewriting (Guarantee range
is 1 to minimum value).
9. Reference value for 25°C (as a guideline, rewriting should
normally function up to this value).
10. Data retention characteristic when rewriting is performed
within the specification range, including the minimum value.
26.4.3 AC
Characteristics
Table 26.35 Control
Signal Timing
849
Unit of t
NMIH amended
(Before)
 → (After) ns
Table 26.37 Timing of
On-Chip Supporting
Modules (1)
854,
855
Units of t
PRS, tPRH, tFTIS, tFTCS, tTMRS, tTMCS amended
(Before)
 → (After) ns
Units of t
FTCWL, tTMCWL,
synchronous t
Scyc amended
(Before)
 → (After) t
cyc
Unit of t
SCKf amended
(Before) 1.5
→ (After) t
cyc
26.4.4 A/D Conversion
Characteristics
Table 26.41 A/D
Conversion
Characteristics (CIN15 to
CIN0 Input: 134/266-
State Conversion)
860
Table condition amended
Table condition A (Before) ..., Ta =
−20 to +75°C (regular
specifications), Ta =
−40 to +85°C (wide-range specifications)
→ (After) ... Ta = −20 to +75°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com