Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 46 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 46 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 42Page - Renesas Technology Corp HD6432148SW Datasheet HTML 43Page - Renesas Technology Corp HD6432148SW Datasheet HTML 44Page - Renesas Technology Corp HD6432148SW Datasheet HTML 45Page - Renesas Technology Corp HD6432148SW Datasheet HTML 46Page - Renesas Technology Corp HD6432148SW Datasheet HTML 47Page - Renesas Technology Corp HD6432148SW Datasheet HTML 48Page - Renesas Technology Corp HD6432148SW Datasheet HTML 49Page - Renesas Technology Corp HD6432148SW Datasheet HTML 50Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 2 of 1130
REJ09B0327-0400
Table 1.1
Overview
Item
Specifications
CPU
• General-register architecture
 Sixteen 16-bit general registers (also usable as sixteen 8-bit
registers or eight 32-bit registers)
• High-speed operation suitable for real-time control
 Maximum operating frequency: 20 MHz/5 V, 10 MHz/3 V
 High-speed arithmetic operations
8/16/32-bit register-register add/subtract: 50 ns (20-MHz operation)
16
× 16-bit register-register multiply: 1000 ns (20-MHz operation)
32 ÷ 16-bit register-register divide: 1000 ns (20-MHz operation)
• Instruction set suitable for high-speed operation
 Sixty-five basic instructions
 8/16/32-bit transfer/arithmetic and logic instructions
 Unsigned/signed multiply and divide instructions
 Powerful bit-manipulation instructions
• Two CPU operating modes
 Normal mode: 64-kbyte address space
 Advanced mode: 16-Mbyte address space
Operating modes
• Three MCU operating modes
External Data Bus
Mode
CPU Operating
Mode
Description
On-Chip
ROM
Initial
Value
Maximum
Value
1
Normal
Expanded mode
with on-chip ROM
disabled
Disabled
8 bits
16 bits
2
Advanced
Single-chip mode
Enabled
None
None
Expanded mode
with on-chip ROM
enabled
Enabled
8 bits
16 bits
3
Normal
Single-chip mode
Enabled
None
None
Expanded mode
with on-chip ROM
enabled
Enabled
8 bits
16 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com