Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 13Page - Renesas Technology Corp HD6432148SW Datasheet HTML 14Page - Renesas Technology Corp HD6432148SW Datasheet HTML 15Page - Renesas Technology Corp HD6432148SW Datasheet HTML 16Page - Renesas Technology Corp HD6432148SW Datasheet HTML 17Page - Renesas Technology Corp HD6432148SW Datasheet HTML 18Page - Renesas Technology Corp HD6432148SW Datasheet HTML 19Page - Renesas Technology Corp HD6432148SW Datasheet HTML 20Page - Renesas Technology Corp HD6432148SW Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xvii of xliv
Item
Page
Revision (See Manual for Details)
23.10.7 Status Read
Mode
Figure 23.22 Status
Read Mode Timing
Waveforms
727
Figure 23.22 amended
CE
OE
WE
tces
tnxtc
tnxtc
tdf
tces
tdh
twep
twep
tdh
toe
tce
tnxtc
tf
tr
tf
tr
tceh
tds
tds
tceh
24.7 Subclock Input
Circuit
740
Note on Subclock Usage
Description added
25.12 Usage Notes
764
Section 25.12 added
799
Table 26.15 amended
Item
Symbol
Min
Typ
Max
Unit
Test
Condition
Reprogramming count
N
WEC
100*
8
10000*
9 —
Times
Data retention time*
10
t
DRP
10
—
—
Years
Programming Wait time after SWE-bit setting*
1
x10
——
µs
26.2.6 Flash Memory
Characteristics
Table 26.15 Flash
Memory Characteristics
(Programming/erasing
operating range)
800
Notes 8 to 10 added
Notes: 8. Minimum number of times for which all
characteristics are guaranteed after rewriting (Guarantee range
is 1 to minimum value).
9. Reference value for 25°C (as a guideline, rewriting should
normally function up to this value).
10. Data retention characteristic when rewriting is performed
within the specification range, including the minimum value.
26.3.3 AC
Characteristics
Table 26.20 Clock
Timing
819
Table 26.20 amended
Condition A
Condition B
Condition C
20 MHz
16 MHz
10 MHz
Item
Symbol
Min
Max
Min
Max
Min
Max
Unit
Test
Conditions
Oscillation settling
time at reset
(crystal)
t
OSC1
10
—
10
—
20
—
ms
Figure 26.6
Oscillation settling
time in software
standby (crystal)
t
OSC2
8
—
8
—
8
—
ms
Figure 26.7
Table 26.25 I
2C Bus
Timing
829
Table 26.25 amended
Ratings
Item
Symbol
Min
Typ
Max
Unit
Test Conditions Notes
SCL, SDA input
fall time
t
Sf
——
300
ns
Figure 26.28
SCL, SDA output
fall time
t
of
20 + 0.1 Cb —
250
ns
SCL, SDA input
spike pulse
elimination time
t
SP
——
1t
cyc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com