Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 68Page - Renesas Technology Corp HD6432148SW Datasheet HTML 69Page - Renesas Technology Corp HD6432148SW Datasheet HTML 70Page - Renesas Technology Corp HD6432148SW Datasheet HTML 71Page - Renesas Technology Corp HD6432148SW Datasheet HTML 72Page - Renesas Technology Corp HD6432148SW Datasheet HTML 73Page - Renesas Technology Corp HD6432148SW Datasheet HTML 74Page - Renesas Technology Corp HD6432148SW Datasheet HTML 75Page - Renesas Technology Corp HD6432148SW Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 28 of 1130
REJ09B0327-0400
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
Bus control
WAIT
16
Input
Wait: Requests insertion of a wait state in the bus
cycle when accessing external 3-state address
space.
RD
22
Output Read: When this pin is low, it indicates that the
external address space is being read.
HWR
19
Output High write: When this pin is low, it indicates that
the external address space is being written to. The
upper half of the data bus is valid.
LWR
25
Output Low write: When this pin is low, it indicates that the
external address space is being written to. The
lower half of the data bus is valid.
AS/IOS
18
Output Address strobe: When this pin is low, it indicates
that address output on the address bus is valid.
Interrupt
signals
NMI
7
Input
Nonmaskable interrupt: Requests a nonmaskable
interrupt.
IRQ0 to
IRQ7
23 to 25,
97 to 99,
34, 35
Input
Interrupt request 0 to 7: These pins request a
maskable interrupt.
FTCI
26
Input
FRT counter clock input: Input pin for an external
clock signal for the free-running counter (FRC).
16-bit free-
running
timer (FRT)
FTOA
27
Output FRT output compare A output: The output
compare A output pin.
FTOB
34
Output FRT output compare B output: The output
compare B output pin.
FTIA
28
Input
FRT input capture A input: The input capture A
input pin.
FTIB
29
Input
FRT input capture B input: The input capture B
input pin.
FTIC
32
Input
FRT input capture C input: The input capture C
input pin.
FTID
33
Input
FRT input capture D input: The input capture D
input pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com