Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 335 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 335 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 331Page - Renesas Technology Corp HD6432148SW Datasheet HTML 332Page - Renesas Technology Corp HD6432148SW Datasheet HTML 333Page - Renesas Technology Corp HD6432148SW Datasheet HTML 334Page - Renesas Technology Corp HD6432148SW Datasheet HTML 335Page - Renesas Technology Corp HD6432148SW Datasheet HTML 336Page - Renesas Technology Corp HD6432148SW Datasheet HTML 337Page - Renesas Technology Corp HD6432148SW Datasheet HTML 338Page - Renesas Technology Corp HD6432148SW Datasheet HTML 339Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 335 / 1177 page
background image
Section 10 14-Bit PWM Timer (PWMX)
Rev. 4.00 Sep 27, 2006 page 291 of 1130
REJ09B0327-0400
Section 10 14-Bit PWM Timer (PWMX)
10.1
Overview
This LSI have an on-chip 14-bit pulse-width modulator (PWM) with two output channels.
Each channel can be connected to an external low-pass filter to operate as a 14-bit D/A converter.
Both channels share the same counter (DACNT) and control register (DACR).
10.1.1
Features
The features of the 14-bit PWM (D/A) are listed below.
• The pulse is subdivided into multiple base cycles to reduce ripple.
• Two resolution settings and two base cycle settings are available
The resolution can be set equal to one or two system clock cycles. The base cycle can be set
equal to T
× 64 or T × 256, where T is the resolution.
• Four operating rates
The two resolution settings and two base cycle settings combine to give a selection of four
operating rates.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com