| Electronic Components Datasheet Search |
|
HD6432148SW Datasheet(PDF) 373 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432148SW Datasheet(HTML) 373 Page - Renesas Technology Corp |
|
373 / 1177 page ![]() Section 11 16-Bit Free-Running Timer Rev. 4.00 Sep 27, 2006 page 329 of 1130 REJ09B0327-0400 When ICRC or ICRD is used as a buffer register, its input capture flag is set by the selected transition of its input capture signal. For example, if ICRC is used to buffer ICRA, when the edge transition selected by the IEDGC bit occurs on the FTIC input capture line, ICFC will be set, and if the ICIEC bit is set, an interrupt will be requested. The FRC value will not be transferred to ICRC, however. In buffered input capture, if the upper byte of either of the two registers to which data will be transferred (ICRA and ICRC, or ICRB and ICRD) is being read when the input signal arrives, input capture is delayed by one system clock ( φ) period. Figure 11.10 shows the timing when BUFEA = 1. Input capture signal φ FTIA T1 T2 Read cycle: CPU reads ICRA or ICRC Figure 11.10 Buffered Input Capture Timing (Input Capture Input when ICRA or ICRC Is Read) 11.3.5 Timing of Input Capture Flag (ICF) Setting The input capture flag ICFx (x = A, B, C, D) is set to 1 by the internal input capture signal. The FRC value is simultaneously transferred to the corresponding input capture register (ICRx). Figure 11.11 shows the timing of this operation. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |