Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 455 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 455 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 451Page - Renesas Technology Corp HD6432148SW Datasheet HTML 452Page - Renesas Technology Corp HD6432148SW Datasheet HTML 453Page - Renesas Technology Corp HD6432148SW Datasheet HTML 454Page - Renesas Technology Corp HD6432148SW Datasheet HTML 455Page - Renesas Technology Corp HD6432148SW Datasheet HTML 456Page - Renesas Technology Corp HD6432148SW Datasheet HTML 457Page - Renesas Technology Corp HD6432148SW Datasheet HTML 458Page - Renesas Technology Corp HD6432148SW Datasheet HTML 459Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 455 / 1177 page
background image
Section 14 Watchdog Timer (WDT)
Rev. 4.00 Sep 27, 2006 page 411 of 1130
REJ09B0327-0400
TCNT is initialized to H'00 by a reset, in hardware standby mode, or when the TME bit is cleared
to 0. It is not initialized in software standby mode.
Note: *
TCNT is write-protected by a password to prevent accidental overwriting. For details
see section 14.2.4, Notes on Register Access.
14.2.2
Timer Control/Status Register (TCSR)
• TCSR0
7
OVF
0
R/(W)*
6
WT/
IT
0
R/W
5
TME
0
R/W
4
RSTS
0
R/W
3
RST/
NMI
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
Bit
Initial value
Read/Write
Note: * Only 0 can be written, to clear the flag.
• TCSR1
Bit
Initial value
Read/Write
Note: * Only 0 can be written, to clear the flag.
7
OVF
0
R/(W)*
6
WT/
IT
0
R/W
5
TME
0
R/W
4
PSS
0
R/W
3
RST/
NMI
0
R/W
0
CKS0
0
R/W
2
CKS2
0
R/W
1
CKS1
0
R/W
TCSR is an 8-bit readable/writable* register. Its functions include selecting the clock source to be
input to TCNT, and the timer mode.
TCR is initialized to H'00 by a reset and in hardware standby mode. It is not initialized in software
standby mode.
Note: *
TCSR is write-protected by a password to prevent accidental overwriting. For details
see section 14.2.4, Notes on Register Access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com