Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 101 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 101 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 97Page - Renesas Technology Corp HD6432148SW Datasheet HTML 98Page - Renesas Technology Corp HD6432148SW Datasheet HTML 99Page - Renesas Technology Corp HD6432148SW Datasheet HTML 100Page - Renesas Technology Corp HD6432148SW Datasheet HTML 101Page - Renesas Technology Corp HD6432148SW Datasheet HTML 102Page - Renesas Technology Corp HD6432148SW Datasheet HTML 103Page - Renesas Technology Corp HD6432148SW Datasheet HTML 104Page - Renesas Technology Corp HD6432148SW Datasheet HTML 105Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 1177 page
background image
Section 2 CPU
Rev. 4.00 Sep 27, 2006 page 57 of 1130
REJ09B0327-0400
Type
Instruction
Size*
1
Function
Arithmetic
operations
ADD
SUB
B/W/L
Rd ± Rs
→ Rd, Rd ± #IMM → Rd
Performs addition or subtraction on data in two general
registers, or on immediate data and data in a general
register. (Immediate byte data cannot be subtracted
from byte data in a general register. Use the SUBX or
ADD instruction.)
ADDX
SUBX
B
Rd ± Rs ± C
→ Rd, Rd ± #IMM ± C → Rd
Performs addition or subtraction with carry on byte data
in two general registers, or on immediate data and data
in a general register.
INC
DEC
B/W/L
Rd ± 1
→ Rd, Rd ± 2 → Rd
Increments or decrements a general register by 1 or 2.
(Byte operands can be incremented or decremented by
1 only.)
ADDS
SUBS
L
Rd ± 1
→ Rd, Rd ± 2 → Rd, Rd ± 4 → Rd
Adds or subtracts the value 1, 2, or 4 to or from data in a
32-bit register.
DAA
DAS
B
Rd decimal adjust
→ Rd
Decimal-adjusts an addition or subtraction result in a
general register by referring to the CCR to produce 4-bit
BCD data.
MULXU
B/W
Rd
× Rs → Rd
Performs unsigned multiplication on data in two general
registers: either 8 bits
× 8 bits → 16 bits or 16 bits ×
16 bits
→ 32 bits.
MULXS
B/W
Rd
× Rs → Rd
Performs signed multiplication on data in two general
registers: either 8 bits
× 8 bits → 16 bits or 16 bits ×
16 bits
→ 32 bits.
DIVXU
B/W
Rd ÷ Rs
→ Rd
Performs unsigned division on data in two general
registers: either 16 bits ÷ 8 bits
→ 8-bit quotient and 8-bit
remainder or 32 bits ÷ 16 bits
→ 16-bit quotient and 16-
bit remainder.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com