Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 113Page - Renesas Technology Corp HD6432148SW Datasheet HTML 114Page - Renesas Technology Corp HD6432148SW Datasheet HTML 115Page - Renesas Technology Corp HD6432148SW Datasheet HTML 116Page - Renesas Technology Corp HD6432148SW Datasheet HTML 117Page - Renesas Technology Corp HD6432148SW Datasheet HTML 118Page - Renesas Technology Corp HD6432148SW Datasheet HTML 119Page - Renesas Technology Corp HD6432148SW Datasheet HTML 120Page - Renesas Technology Corp HD6432148SW Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 1177 page
background image
Section 2 CPU
Rev. 4.00 Sep 27, 2006 page 73 of 1130
REJ09B0327-0400
2.8
Processing States
2.8.1
Overview
The CPU has five main processing states: the reset state, exception-handling state, program
execution state, bus-released state, and power-down state. Figure 2.14 shows a diagram of the
processing states. Figure 2.15 indicates the state transitions.
Reset state
The CPU and all on-chip supporting modules have been
initialized and are stopped.
Exception-handling
state
A transient state in which the CPU changes the normal
processing flow in response to a reset, interrupt, or trap
instruction.
Program execution
state
The CPU executes program instructions in sequence.
Bus-released state
The external bus has been released in response to a bus
request signal from a bus master other than the CPU.
Power-down state
CPU operation is stopped
to conserve power.*
Sleep mode
Software standby
mode
Hardware standby
mode
Processing
states
Note: * The power-down state also includes a medium-speed mode, module stop mode,
sub-active mode, sub-sleep mode, and watch mode.
Figure 2.14 Processing States



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com