Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 171 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 171 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 167Page - Renesas Technology Corp HD6432148SW Datasheet HTML 168Page - Renesas Technology Corp HD6432148SW Datasheet HTML 169Page - Renesas Technology Corp HD6432148SW Datasheet HTML 170Page - Renesas Technology Corp HD6432148SW Datasheet HTML 171Page - Renesas Technology Corp HD6432148SW Datasheet HTML 172Page - Renesas Technology Corp HD6432148SW Datasheet HTML 173Page - Renesas Technology Corp HD6432148SW Datasheet HTML 174Page - Renesas Technology Corp HD6432148SW Datasheet HTML 175Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 127 of 1130
REJ09B0327-0400
IRQn interrupt
request
IRQnE
IRQnF
S
R
Q
Clear signal
Edge/level
detection circuit
IRQnSCA, IRQnSCB
IRQn input
Note: n: 7 to 0
Figure 5.3 Block Diagram of Interrupts IRQ7 to IRQ0
Figure 5.4 shows the timing of IRQnF setting.
φ
IRQn
input pin
IRQnF
Figure 5.4 Timing of IRQnF Setting
The vector numbers for IRQ7 to IRQ0 interrupt exception handling are 23 to 16.
Detection of IRQ7 to IRQ0 interrupts does not depend on whether the relevant pin has been set for
input or output. Therefore, when a pin is used as an external interrupt input pin, clear the
corresponding DDR bit to 0 and do not use the pin as an I/O pin for another function. When the
IRQ6 pin is assigned as the IRQ6 interrupt input pin, then set the KMIMR6 bit to 0.
When the
IRQ7 pin is used as the IRQ7 interrupt input pin, bits KMIMR15 to KMIMR8 must all
be set to 1. If any of these bits is cleared to 0, interrupt input from the
IRQ7 pin will be ignored.
As interrupt request flags IRQ7F to IRQ0F are set when the setting condition is met, regardless of
the IER setting, only the necessary flags should be referenced.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com