Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 193 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 193 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 189Page - Renesas Technology Corp HD6432148SW Datasheet HTML 190Page - Renesas Technology Corp HD6432148SW Datasheet HTML 191Page - Renesas Technology Corp HD6432148SW Datasheet HTML 192Page - Renesas Technology Corp HD6432148SW Datasheet HTML 193Page - Renesas Technology Corp HD6432148SW Datasheet HTML 194Page - Renesas Technology Corp HD6432148SW Datasheet HTML 195Page - Renesas Technology Corp HD6432148SW Datasheet HTML 196Page - Renesas Technology Corp HD6432148SW Datasheet HTML 197Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 149 of 1130
REJ09B0327-0400
5.7.3
Operation
The interrupt controller has three main functions in DTC control.
Selection of Interrupt Source: It is possible to select DTC activation request or CPU interrupt
request with the DTCE bit of DTCERA to DTCERE in the DTC.
After a DTC data transfer, the DTCE bit can be cleared to 0 and an interrupt request sent to the
CPU in accordance with the specification of the DISEL bit of MRB in the DTC.
When the DTC performs the specified number of data transfers and the transfer counter reaches 0,
following the DTC data transfer the DTCE bit is cleared to 0 and an interrupt request is sent to the
CPU.
Determination of Priority: The DTC activation source is selected in accordance with the default
priority order, and is not affected by mask or priority levels. See section 7.3.3, DTC Vector Table,
for the respective priorities.
Operation Order: If the same interrupt is selected as a DTC activation source and a CPU
interrupt source, the DTC data transfer is performed first, followed by CPU interrupt exception
handling.
Table 5.10 summarizes interrupt source selection and interrupt source clearance control according
to the settings of the DTCE bit of DTCERA to DTCERE in the DTC and the DISEL bit of MRB
in the DTC.
Table 5.10
Interrupt Source Selection and Clearing Control
Settings
DTC
Interrupt Source Selection/Clearing Control
DTCE
DISEL
DTC
CPU
0
*
×∆
10
∆×
1
∆
Legend:
∆: The relevant interrupt is used. Interrupt source clearing is performed.
(The CPU should clear the source flag in the interrupt handling routine.)
: The relevant interrupt is used. The interrupt source is not cleared.
×: The relevant bit cannot be used.
*:
Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com