Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 228 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 228 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 224Page - Renesas Technology Corp HD6432148SW Datasheet HTML 225Page - Renesas Technology Corp HD6432148SW Datasheet HTML 226Page - Renesas Technology Corp HD6432148SW Datasheet HTML 227Page - Renesas Technology Corp HD6432148SW Datasheet HTML 228Page - Renesas Technology Corp HD6432148SW Datasheet HTML 229Page - Renesas Technology Corp HD6432148SW Datasheet HTML 230Page - Renesas Technology Corp HD6432148SW Datasheet HTML 231Page - Renesas Technology Corp HD6432148SW Datasheet HTML 232Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 184 of 1130
REJ09B0327-0400
7.2.2
DTC Mode Register B (MRB)
7
CHNE
6
DISEL
5
—
4
—
3
—
0
—
2
—
1
—
Bit
Initial value
Read/Write
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
—
Unde-
fined
MRB is an 8-bit register that controls the DTC operating mode.
Bit 7—DTC Chain Transfer Enable (CHNE): Specifies chain transfer. In chain transfer,
multiple data transfers can be performed consecutively in response to a single transfer request.
With data transfer for which CHNE is set to 1, there is no determination of the end of the specified
number of transfers, clearing of the interrupt source flag, or clearing of DTCER.
Bit 7
CHNE
Description
0
End of DTC data transfer (activation waiting state is entered)
1
DTC chain transfer (new register information is read, then data is transferred)
Bit 6—DTC Interrupt Select (DISEL): Specifies whether interrupt requests to the CPU are
disabled or enabled after a data transfer.
Bit 6
DISEL
Description
0
After a data transfer ends, the CPU interrupt is disabled unless the transfer counter is
0 (the DTC clears the interrupt source flag of the activating interrupt to 0)
1
After a data transfer ends, the CPU interrupt is enabled (the DTC does not clear the
interrupt source flag of the activating interrupt to 0)
Bits 5 to 0—Reserved: In the H8S/2148 Group these bits have no effect on DTC operation, and
should always be written with 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com