Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 236 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 236 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 232Page - Renesas Technology Corp HD6432148SW Datasheet HTML 233Page - Renesas Technology Corp HD6432148SW Datasheet HTML 234Page - Renesas Technology Corp HD6432148SW Datasheet HTML 235Page - Renesas Technology Corp HD6432148SW Datasheet HTML 236Page - Renesas Technology Corp HD6432148SW Datasheet HTML 237Page - Renesas Technology Corp HD6432148SW Datasheet HTML 238Page - Renesas Technology Corp HD6432148SW Datasheet HTML 239Page - Renesas Technology Corp HD6432148SW Datasheet HTML 240Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 236 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 192 of 1130
REJ09B0327-0400
The interrupt source flag for RXI0, for example, is the RDRF flag in SCI0.
Table 7.3
Activation Sources and DTCER Clearing
Activation
Source
When DISEL Bit Is 0 and
Specified Number of Transfers
Have Not Ended
When DISEL Bit Is 1 or
Specified Number of Transfers
Have Ended
Software
activation
SWDTE bit cleared to 0
• SWDTE bit held at 1
• Interrupt request sent to CPU
Interrupt
activation
• Corresponding DTCER bit held
at 1
• Activation source flag cleared
to 0
• Corresponding DTCER bit cleared to 0
• Activation source flag held at 1
• Activation source interrupt request
sent to CPU
Figure 7.3 shows a block diagram of activation source control. For details see section 5, Interrupt
Controller.
On-chip
supporting
module
IRQ interrupt
DTVECR
Interrupt controller
CPU
DTC
DTCER
Clear
control
Select
Interrupt
request
Source flag cleared
Clear
Clear request
Interrupt mask
Figure 7.3 Block Diagram of DTC Activation Source Control
When an interrupt has been designated a DTC activation source, existing CPU mask level and
interrupt controller priorities have no effect. If there is more than one activation source at the same
time, the DTC is activated in accordance with the default priorities.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com