Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 253 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 253 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 249Page - Renesas Technology Corp HD6432148SW Datasheet HTML 250Page - Renesas Technology Corp HD6432148SW Datasheet HTML 251Page - Renesas Technology Corp HD6432148SW Datasheet HTML 252Page - Renesas Technology Corp HD6432148SW Datasheet HTML 253Page - Renesas Technology Corp HD6432148SW Datasheet HTML 254Page - Renesas Technology Corp HD6432148SW Datasheet HTML 255Page - Renesas Technology Corp HD6432148SW Datasheet HTML 256Page - Renesas Technology Corp HD6432148SW Datasheet HTML 257Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 253 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 209 of 1130
REJ09B0327-0400
Section 8 I/O Ports
8.1
Overview
This LSI have ten I/O ports (ports 1 to 6, 8, 9, A, and B), and one input-only port (port 7).
Tables 8.1 to 8.3 summarize the port functions. The pins of each port also have other functions.
Each port includes a data direction register (DDR) that controls input/output (not provided for the
input-only port) and data registers (DR, ODR) that store output data.
Ports 1 to 3, 6, A, and B have a built-in MOS input pull-up function. For ports A and B, the on/off
status of the MOS input pull-up is controlled by DDR and ODR. Ports 1 to 3 and 6 have a MOS
input pull-up control register (PCR), in addition to DDR and DR, to control the on/off status of the
MOS input pull-ups.
Ports 1 to 6, 8, 9, A, and B can drive a single TTL load and 30 pF capacitive load. All the I/O
ports can drive a Darlington transistor when in output mode. Ports 1, 2, and 3 can drive an LED
(10 mA sink current).
PA4 to PA7 in port A have bus buffer drive capability. In the H8S/2148 Group and H8S/2147N,
P52 in port 5 and P97 in port 9 are NMOS push-pull outputs.
Note that the H8S/2144 Group and H8S/2147N have subset specifications that do not include
some supporting modules. For differences in pin functions, see table 8.1, H8S/2148 Group Port
Functions, table 8.2, H8S/2147N Port Functions, and table 8.3, H8S/2144 Group Port Functions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com