Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 262 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 262 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 258Page - Renesas Technology Corp HD6432148SW Datasheet HTML 259Page - Renesas Technology Corp HD6432148SW Datasheet HTML 260Page - Renesas Technology Corp HD6432148SW Datasheet HTML 261Page - Renesas Technology Corp HD6432148SW Datasheet HTML 262Page - Renesas Technology Corp HD6432148SW Datasheet HTML 263Page - Renesas Technology Corp HD6432148SW Datasheet HTML 264Page - Renesas Technology Corp HD6432148SW Datasheet HTML 265Page - Renesas Technology Corp HD6432148SW Datasheet HTML 266Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 262 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 218 of 1130
REJ09B0327-0400
Table 8.3
H8S/2144 Group Port Functions
Expanded Modes
Single-Chip Mode
Port
Description
Pins
Mode 1
Mode 2, Mode 3
(EXPE = 1)
Mode 2, Mode 3
(EXPE = 0)
Port 1
• 8-bit I/O port
• Built-in MOS
input pull-
ups
•LED drive
capability
P17 to P10/
A7 to A0
Lower address
output (A7 to
A0)
When DDR = 0
(after reset): input
port
When DDR = 1:
lower address
output (A7 to A0)
I/O port
Port 2
• 8-bit I/O port
• Built-in MOS
input pull-
ups
•LED drive
capability
P27 to P20/
A15 to A8
Upper address
output (A15 to
A8)
When DDR = 0
(after reset): input
port
When DDR = 1:
upper address
output (A15 to A8)
or output port (P27
to P24)
I/O port
Port 3
• 8-bit I/O port
• Built-in MOS
input pull-
ups
•LED drive
capability
P37 to P30/
D15 to D8
Data bus input/output (D15 to D8)
I/O port
Port 4
• 8-bit I/O port P47/PWX1
P46/PWX0
P45/TMRI1
P44/TMO1
P43/TMCI1
P42/TMRI0/SCK2
P41/TMO0/RxD2/
IrRxD
P40/TMCI0/
TxD2/IrTxD
I/O port also functioning as 14-bit PWM timer output (PWX1,
PWX0), 8-bit timer 0 and 1 input/output (TMCI0, TMRI0, TMO0,
TMCI1, TMRI1, TMO1), SCI2 input/output (TxD2, RxD2, SCK2),
and IrDA interface input/output (IrTxD, IrRxD)
Port 5
• 3-bit I/O port P52/SCK0
P51/RxD0
P50/TxD0
I/O port also functioning as SCI0 input/output (TxD0, RxD0,
SCK0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com