Electronic Components Datasheet Search
  English  ▼

X  

HD6432148SW Datasheet(PDF) 323 Page - Renesas Technology Corp

Part # HD6432148SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432148SW Datasheet(HTML) 323 Page - Renesas Technology Corp

Back Button HD6432148SW Datasheet HTML 319Page - Renesas Technology Corp HD6432148SW Datasheet HTML 320Page - Renesas Technology Corp HD6432148SW Datasheet HTML 321Page - Renesas Technology Corp HD6432148SW Datasheet HTML 322Page - Renesas Technology Corp HD6432148SW Datasheet HTML 323Page - Renesas Technology Corp HD6432148SW Datasheet HTML 324Page - Renesas Technology Corp HD6432148SW Datasheet HTML 325Page - Renesas Technology Corp HD6432148SW Datasheet HTML 326Page - Renesas Technology Corp HD6432148SW Datasheet HTML 327Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 323 / 1177 page
background image
Section 9 8-Bit PWM Timers
Rev. 4.00 Sep 27, 2006 page 279 of 1130
REJ09B0327-0400
Section 9 8-Bit PWM Timers
Provided in the H8S/2148 Group; not provided in the H8S/2144 Group and H8S/2147N.
9.1
Overview
The H8/2148 Group has an on-chip pulse width modulation (PWM) timer module with sixteen
outputs. Sixteen output waveforms are generated from a common time base, enabling PWM
output with a high carrier frequency to be produced using pulse division. The PWM timer module
has sixteen 8-bit PWM data registers (PWDRs), and an output pulse with a duty cycle of 0 to
100% can be obtained as specified by PWDR and the port data register (P1DR or P2DR).
9.1.1
Features
The PWM timer module has the following features.
• Operable at a maximum carrier frequency of 1.25 MHz using pulse division (at 20-MHz
operation)
• Duty cycles from 0 to 100% with 1/256 resolution (100% duty realized by port output)
• Direct or inverted PWM output, and PWM output enable/disable control



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com