Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 43Page - Renesas Technology Corp HD6432147SW Datasheet HTML 44Page - Renesas Technology Corp HD6432147SW Datasheet HTML 45Page - Renesas Technology Corp HD6432147SW Datasheet HTML 46Page - Renesas Technology Corp HD6432147SW Datasheet HTML 47Page - Renesas Technology Corp HD6432147SW Datasheet HTML 48Page - Renesas Technology Corp HD6432147SW Datasheet HTML 49Page - Renesas Technology Corp HD6432147SW Datasheet HTML 50Page - Renesas Technology Corp HD6432147SW Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 3 of 1130
REJ09B0327-0400
Item
Specifications
Bus controller
• 2-state or 3-state access space can be designated for external
expansion areas
• Number of program wait states can be set for external expansion areas
Data transfer
controller (DTC)
(H8S/2148 Group)
• Can be activated by internal interrupt or software
• Multiple transfers or multiple types of transfer possible for one
activation source
• Transfer possible in repeat mode, block transfer mode, etc.
• Request can be sent to CPU for interrupt that activated DTC
16-bit free-running
timer module
(FRT: 1 channel)
• One 16-bit free-running counter (also usable for external event
counting)
• Two output compare outputs
• Four input capture inputs (with buffer operation capability)
8-bit timer module
(2 channels: TMR0,
TMR1)
Each channel has:
• One 8-bit up-counter (also usable for external event counting)
• Two timer constant registers
• The two channels can be connected
Timer connection and
8-bit timer module
(TMR) (2 channels:
TMRX, TMRY)
(Timer connection and
TMRX provided in
H8S/2148 Group)
Input/output and FRT, TMR1, TMRX, TMRY can be interconnected
• Measurement of input signal or frequency-divided waveform pulse
width and cycle (FRT, TMR1)
• Output of waveform obtained by modification of input signal edge (FRT,
TMR1)
• Determination of input signal duty cycle (TMRX)
• Output of waveform synchronized with input signal (FRT, TMRX,
TMRY)
• Automatic generation of cyclical waveform (FRT, TMRY)
Watchdog timer
module
(WDT: 2 channels)
• Watchdog timer or interval timer function selectable
• Subclock operation capability (channel 1 only)
8-bit PWM timer
(PWM)
(H8S/2148 Group and
H8S/2147N)
• Up to 16 outputs
• Pulse duty cycle settable from 0 to 100%
• Resolution: 1/256
• 1.25 MHz maximum carrier frequency (20-MHz operation)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com