Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 22 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 22 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 18Page - Renesas Technology Corp HD6432147SW Datasheet HTML 19Page - Renesas Technology Corp HD6432147SW Datasheet HTML 20Page - Renesas Technology Corp HD6432147SW Datasheet HTML 21Page - Renesas Technology Corp HD6432147SW Datasheet HTML 22Page - Renesas Technology Corp HD6432147SW Datasheet HTML 23Page - Renesas Technology Corp HD6432147SW Datasheet HTML 24Page - Renesas Technology Corp HD6432147SW Datasheet HTML 25Page - Renesas Technology Corp HD6432147SW Datasheet HTML 26Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xxii of xliv
Item
Page
Revision (See Manual for Details)
B.3 Functions
1013
Subheading amended
KBCOMP
H'FEE4 IrDA/Expansion A/D
1016
ISR
H'FEEB Interrupt Controller
Figure amended
IRQ7 to IRQ0 flags
0
[Clearing conditions]
• Cleared by reading IRQnF when set to 1, then writing 0 in IRQnF
• When interrupt exception handling is executed while low-level detection
is set (IRQnSCB = IRQnSCA = 0) and
IRQn input is high*
• When IRQn interrupt exception handling is executed while falling, rising,
or both-edge detection is set (IRQnSCB = 1 or IRQnSCA = 1)*
Note: * When a product, in which a DTC is incorporated, is
used in the following settings, the corresponding flag bit is not
automatically cleared even when exception handling, which is a
clear condition, is executed and the bit is held at 1.
(1) When DTCEA3 is set to 1 (ADI is set to an interrupt source),
IRQ4F flag is not automatically cleared.
(2) When DTCEA2 is set to 1 (ICIA is set to an interrupt
source), IRQ5F flag is not automatically cleared.
(3) When DTCEA1 is set to 1 (ICIB is set to an interrupt
source), IRQ6F flag is not automatically cleared.
(4) When DTCEA0 is set to 1 (OCIA is set to an interrupt
source), IRQ7F flag is not automatically cleared.
When activation interrupt sources of DTC and IRQ interrupts
are used with the above combinations, clear the interrupt flag
by software in the interrupt handling routine of the
corresponding IRQ.
1019
ABRKCR
H'FEF4 Interrupt Controller
Read/Write description amended
Bit 7 (Before) R/W
→ (After) R
1021
FLMCR1
H'FF80 Flash Memory
Initial value description amended
Bit 7 (Before)
 → (After) 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com