Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 14 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 14 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 10Page - Renesas Technology Corp HD6432147SW Datasheet HTML 11Page - Renesas Technology Corp HD6432147SW Datasheet HTML 12Page - Renesas Technology Corp HD6432147SW Datasheet HTML 13Page - Renesas Technology Corp HD6432147SW Datasheet HTML 14Page - Renesas Technology Corp HD6432147SW Datasheet HTML 15Page - Renesas Technology Corp HD6432147SW Datasheet HTML 16Page - Renesas Technology Corp HD6432147SW Datasheet HTML 17Page - Renesas Technology Corp HD6432147SW Datasheet HTML 18Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xiv of xliv
Item
Page
Revision (See Manual for Details)
22.10.4 Memory Read
Mode
Figure 22.19 Timing
Waveforms for
CE/OE
Clocked Read
676
Figure 22.19 amended
CE
FA17 to FA0
FO7 to FO0
VIH
OE
WE
tce
tacc
toe
toh
toh
tdf
tce
tacc
toe
Address stable
Address stable
Data
Data
tdf
22.10.7 Status Read
Mode
Figure 22.22 Status
Read Mode Timing
Waveforms
681
Figure 22.22 amended
CE
OE
WE
tces
tnxtc
tnxtc
tdf
tces
twep
twep
toe
tce
tnxtc
tf
tr
tf
tr
tceh
tceh
23.5.3 Erase Block
Registers 1 and 2
(EBR1, EBR2)
699
Bit figure amended
Read/Write description of bits 7 to 2 (Before)
*2 → (After) 
Bit
1
0
EBR1
EB9/—*
2
EB8/—*
2
Initial value
0
0
Read/Write
R/W*
1
*2
R/W*
1
*2
Note 2 amended
Note: 2. Bits EB8 and EB9 are not present in the 64-kbyte
versions; they must not be set to1.
Table 23.5 Flash
Memory Erase Blocks
700
64-kbyte description added to table 23.5
Block (Size)
128-kbyte Version
64-kbyte Version
Address
EB0 (1 kbyte)
EB0 (1 kbyte)
H'(00)0000 to H'(00)03FF
EB1 (1 kbyte)
EB1 (1 kbyte)
H'(00)0400 to H'(00)07FF
EB2 (1 kbyte)
EB2 (1 kbyte)
H'(00)0800 to H'(00)0BFF
EB3 (1 kbytes)
EB3 (1 kbytes)
H'(00)0C00 to H'(00)0FFF
EB4 (28 kbytes)
EB4 (28 kbytes)
H'(00)1000 to H'(00)7FFF
EB5 (16 kbytes)
EB5 (16 kbytes)
H'(00)8000 to H'(00)BFFF
EB6 (8 kbytes)
EB6 (8 kbytes)
H'(00)C000 to H'(00)DFFF
EB7 (8 kbytes)
EB7 (8 kbytes)
H'00E000 to H'00FFFF
EB8 (32 kbytes)
—
H'010000 to H'017FFF
EB9 (32 kbytes)
—
H'018000 to H'01FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com