Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 15 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 15 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 11Page - Renesas Technology Corp HD6432147SW Datasheet HTML 12Page - Renesas Technology Corp HD6432147SW Datasheet HTML 13Page - Renesas Technology Corp HD6432147SW Datasheet HTML 14Page - Renesas Technology Corp HD6432147SW Datasheet HTML 15Page - Renesas Technology Corp HD6432147SW Datasheet HTML 16Page - Renesas Technology Corp HD6432147SW Datasheet HTML 17Page - Renesas Technology Corp HD6432147SW Datasheet HTML 18Page - Renesas Technology Corp HD6432147SW Datasheet HTML 19Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 1177 page
background image
Rev. 4.00 Sep 27, 2006 page xv of xliv
Item
Page
Revision (See Manual for Details)
23.6.1 Boot Mode
705
Description amended
H'(FF)E088 and above
23.7.2 Program-Verify
Mode
Figure 23.12
Program/Program-Verify
Flowcharts
710
Note
*6 added to figure 23.12
Start
End of programming
End sub
Set SWE bit in FLMCR1
Wait (x)
µs
n = 1
m = 0
Sub-routine-call
See Note 7 for pulse width
Note 7: Write Pulse Width
Start of programming
Sub-routine write pulse
Set PSU bit in FLMCR1
Enable WDT
Set P bit in FLMCR1
Wait (y)
µs
Clear P bit in FLMCR1
Wait (z1)
µs, (z2) µs or (z3) µs
Clear PSU bit in FLMCR2
Wait (
α) µs
Disable WDT
Wait (
β) µs
Write pulse application subroutine
NG
NG
NG
NG
OK
OK
Wait (
γ) µs
Wait (
ε) µs
*2
*4
*6
*6
*6
*6
*6
*6
*6
*6
*5
*6
*6
*6
*1
Wait (
η) µs
Set PV bit in FLMCR1
H'FF dummy write to verify address
Read verify data
Program data =
verify data?
Transfer additional program data
to additional program data area
Additional program data computation
Clear PV bit in FLMCR1
Clear SWE bit in FLMCR1
m = 1
End of 128-byte
data verification?
m = 0?
Increment address
Programming failure
OK
Write 128-byte data in RAM reprogram data
area consecutively to flash memory
Write pulse
(z1)
µs or (z2) µs
RAM
Program data storage
area (128 bytes)
Reprogram data storage
area (128 bytes)
Store 128-byte program data in program
data area and reprogram data area
Number of Writes n
1
2
3
4
5
6
7
8
9
10
11
12
13
...
998
999
1000
Write Time (z*6)
µsec
z1
z1
z1
z1
z1
z1
z2
z2
z2
z2
z2
z2
z2
...
z2
z2
z2
Reprogram data computation
Transfer reprogram data to reprogram data area *4
*3
6
≥ n?
NG
OK
Write 128-byte data in additional program data
area in RAM consecutively to flash memory
Additional write pulse (z3)
µs
Wait (
θ) µs
*1
Note: Use a (z3)
µs write pulse for additional
programming.
Additional program data
storage area (128 kbytes)
OK
OK
NG
Perform programming in the erased state.
Do not perform additional programming
on previously programmed addresses.
*4
n
← n + 1
n
≥ 1000?
Clear SWE bit in FLMCR1
Wait (
θ) µs
6
≥ n?
23.10.4 Memory Read
Mode
Figure 23.17 Timing
Waveforms when
Entering Another Mode
from Memory Read
Mode
721
Figure 23.17 amended
CE
FA17 to FA0
FO7 to FO0
H'XX
OE
WE
Other mode command write
twep
tceh
tdh
tds
tces
Data
tf
tr
Memory read mode
Address stable
tnxtc



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com