Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 67Page - Renesas Technology Corp HD6432147SW Datasheet HTML 68Page - Renesas Technology Corp HD6432147SW Datasheet HTML 69Page - Renesas Technology Corp HD6432147SW Datasheet HTML 70Page - Renesas Technology Corp HD6432147SW Datasheet HTML 71Page - Renesas Technology Corp HD6432147SW Datasheet HTML 72Page - Renesas Technology Corp HD6432147SW Datasheet HTML 73Page - Renesas Technology Corp HD6432147SW Datasheet HTML 74Page - Renesas Technology Corp HD6432147SW Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 27 of 1130
REJ09B0327-0400
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
Operating
mode
control
MD1
MD0
5
6
Input
Mode pins: These pins set the operating mode.
The relation between the settings of pins MD1 and
MD0 and the operating mode is shown below.
These pins should not be changed while the MCU
is operating.
MD1
MD0
Operating
Mode
Description
0
1
Mode 1
Normal
Expanded mode with
on-chip ROM disabled
1
0
Mode 2
Advanced
Expanded mode with
on-chip ROM enabled or
single-chip mode
1
1
Mode 3
Normal
Expanded mode with
on-chip ROM enabled or
single-chip mode
System
control
RES
1
Input
Reset input: When this pin is driven low, the chip is
reset.
RESO
100
Output Reset output: Outputs reset signal to external
device.
STBY
8
Input
Standby: When this pin is driven low, a transition is
made to hardware standby mode.
Address
bus
A23 to
A16
10, 11, 20,
21, 30, 31,
47, 48
Output Address bus (advanced): Outputs address when
16-Mbyte space is used.
A15 to
A0
60 to 67,
72 to 79
Output Address bus: These pins output an address.
Data bus
D15 to
D8
89 to 82
Input/
output
Data bus (upper): Bidirectional data bus.
Used for 8-bit data and upper byte of 16-bit data.
D7 to
D0
57, 58, 68,
69, 80, 81,
90, 91
Input/
output
Data bus (lower): Bidirectional data bus.
Used for lower byte of 16-bit data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com