Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 77 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 77 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 73Page - Renesas Technology Corp HD6432147SW Datasheet HTML 74Page - Renesas Technology Corp HD6432147SW Datasheet HTML 75Page - Renesas Technology Corp HD6432147SW Datasheet HTML 76Page - Renesas Technology Corp HD6432147SW Datasheet HTML 77Page - Renesas Technology Corp HD6432147SW Datasheet HTML 78Page - Renesas Technology Corp HD6432147SW Datasheet HTML 79Page - Renesas Technology Corp HD6432147SW Datasheet HTML 80Page - Renesas Technology Corp HD6432147SW Datasheet HTML 81Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 33 of 1130
REJ09B0327-0400
Pin No.
Type
Symbol
FP-100B
TFP-100B
I/O
Name and Function
I/O ports
PA7 to
PA0
10, 11, 20,
21, 30, 31,
47, 48
Input/
output
Port A: Eight input/output pins. The data direction
of each pin can be selected in the port A data
direction register (PADDR). These pins have built-in
MOS input pull-ups. These are the VCCB drive
pins. [H8S/2148 Group and H8S/2147N only]
PB7 to
PB0
57, 58, 68,
69, 80, 81,
90, 91
Input/
output
Port B: Eight input/output pins. The data direction
of each pin can be selected in the port B data
direction register (PBDDR). These pins have built-in
MOS input pull-ups.
Note:
*
In F-ZTAT and mask ROM versions of HD64F2148A, HD64F2147A, HD64F2144A,
HD6432148S, HD6432148SW, HD6432147S, HD6432147SW, HD6432144S,
HD6432143S pin NO.9 is VCL pin and is not VCC pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com