Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 44Page - Renesas Technology Corp HD6432147SW Datasheet HTML 45Page - Renesas Technology Corp HD6432147SW Datasheet HTML 46Page - Renesas Technology Corp HD6432147SW Datasheet HTML 47Page - Renesas Technology Corp HD6432147SW Datasheet HTML 48Page - Renesas Technology Corp HD6432147SW Datasheet HTML 49Page - Renesas Technology Corp HD6432147SW Datasheet HTML 50Page - Renesas Technology Corp HD6432147SW Datasheet HTML 51Page - Renesas Technology Corp HD6432147SW Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 1177 page
background image
Section 1 Overview
Rev. 4.00 Sep 27, 2006 page 4 of 1130
REJ09B0327-0400
Item
Specifications
14-bit PWM timer
(PWMX)
• Up to 2 outputs
• Resolution: 1/16384
• 312.5 kHz maximum carrier frequency (20-MHz operation)
Serial communication
interface
(SCI: 2 channels,
SCI0 and SCI1)
• Asynchronous mode or synchronous mode selectable
• Multiprocessor communication function
SCI with IrDA:
1 channel (SCI2)
• Asynchronous mode or synchronous mode selectable
• Multiprocessor communication function
• Compatible with IrDA specification version 1.0
• TxD and RxD encoding/decoding in IrDA format
Keyboard buffer
controller (PS2:
3 channels)
(H8S/2148 Group,
H8S/2147N)
• Compatible with PS/2 interface
• Direct manipulation of transmission output by software
• Receive data input to 8-bit shift register
• Data receive completed interrupt, parity error detection, stop bit
monitoring
Host interface (HIF)
(H8S/2148 Group,
H8S/2147N)
• 8-bit host interface (ISA) port
• Five host interrupt requests (HIRQ11, HIRQ1, HIRQ12, HIRQ3,
HIRQ4)
• Normal and fast A20 gate output
• Four register sets (each comprising two data registers and two status
registers)
Keyboard controller
• Matrix keyboard control using keyboard scan with wakeup interrupt and
sense port configuration
A/D converter
• Resolution: 10 bits
• Input:
 8 channels (dedicated analog pins)
 16 channels (same pins as keyboard sense port)
• High-speed conversion: 6.7 µs minimum conversion time (20-MHz
operation)
• Single or scan mode selectable
• Sample-and-hold function
• A/D conversion can be activated by external trigger or timer trigger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com