Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 512 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 512 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 508Page - Renesas Technology Corp HD6432147SW Datasheet HTML 509Page - Renesas Technology Corp HD6432147SW Datasheet HTML 510Page - Renesas Technology Corp HD6432147SW Datasheet HTML 511Page - Renesas Technology Corp HD6432147SW Datasheet HTML 512Page - Renesas Technology Corp HD6432147SW Datasheet HTML 513Page - Renesas Technology Corp HD6432147SW Datasheet HTML 514Page - Renesas Technology Corp HD6432147SW Datasheet HTML 515Page - Renesas Technology Corp HD6432147SW Datasheet HTML 516Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 512 / 1177 page
background image
Section 15 Serial Communication Interface (SCI, IrDA)
Rev. 4.00 Sep 27, 2006 page 468 of 1130
REJ09B0327-0400
No
<End>
[1]
Yes
Initialization
Start transmission
Read TDRE flag in SSR
[2]
Write transmit data to TDR and
set MPBT bit in SSR
No
Yes
No
Yes
Read TEND flag in SSR
[3]
No
Yes
[4]
Clear DR to 0 and set DDR to 1
Clear TE bit in SCR to 0
TDRE = 1?
All data transmitted?
TEND = 1?
Break output?
Clear TDRE flag to 0
SCI initialization:
The TxD pin is automatically
designated as the transmit data
output pin.
After the TE bit is set to 1, one
frame of 1s is output and
transmission is enabled.
SCI status check and transmit
data write:
Read SSR and check that the
TDRE flag is set to 1, then write
transmit data to TDR. Set the
MPBT bit in SSR to 0 or 1.
Finally, clear the TDRE flag to 0.
Serial transmission continuation
procedure:
To continue serial transmission,
be sure to read 1 from the TDRE
flag to confirm that writing is
possible, then write data to TDR,
and then clear the TDRE flag to
0. Checking and clearing of the
TDRE flag is automatic when the
DTC is activated by a transmit-
data-empty interrupt (TXI)
request, and data is written to
TDR.
Break output at the end of serial
transmission:
To output a break in serial
transmission, set the port DDR to
1, clear DR to 0, then clear the
TE bit in SCR to 0.
[1]
[2]
[3]
[4]
Figure 15.10 Sample Multiprocessor Serial Transmission Flowchart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com