Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 110 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 110 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 106Page - Renesas Technology Corp HD6432147SW Datasheet HTML 107Page - Renesas Technology Corp HD6432147SW Datasheet HTML 108Page - Renesas Technology Corp HD6432147SW Datasheet HTML 109Page - Renesas Technology Corp HD6432147SW Datasheet HTML 110Page - Renesas Technology Corp HD6432147SW Datasheet HTML 111Page - Renesas Technology Corp HD6432147SW Datasheet HTML 112Page - Renesas Technology Corp HD6432147SW Datasheet HTML 113Page - Renesas Technology Corp HD6432147SW Datasheet HTML 114Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 1177 page
background image
Section 2 CPU
Rev. 4.00 Sep 27, 2006 page 66 of 1130
REJ09B0327-0400
absolute addressing mode to specify an operand, and register direct (BSET, BCLR, BNOT, and
BTST instructions) or immediate (3-bit) addressing mode to specify a bit number in the operand.
Table 2.4
Addressing Modes
No.
Addressing Mode
Symbol
1
Register direct
Rn
2
Register indirect
@ERn
3
Register indirect with displacement
@(d:16,ERn)/@(d:32,ERn)
4
Register indirect with post-increment
Register indirect with pre-decrement
@ERn+
@–ERn
5
Absolute address
@aa:8/@aa:16/@aa:24/@aa:32
6
Immediate
#xx:8/#xx:16/#xx:32
7
Program-counter relative
@(d:8,PC)/@(d:16,PC)
8
Memory indirect
@@aa:8
Register Direct—Rn
The register field of the instruction code specifies an 8-, 16-, or 32-bit general register containing
the operand. R0H to R7H and R0L to R7L can be specified as 8-bit registers. R0 to R7 and E0 to
E7 can be specified as 16-bit registers. ER0 to ER7 can be specified as 32-bit registers.
Register Indirect—@ERn
The register field of the instruction code specifies an address register (ERn) which contains the
address of the operand in memory. If the address is a program instruction address, the lower 24
bits are valid and the upper 8 bits are all assumed to be 0 (H'00).
Register Indirect with Displacement—@(d:16, ERn) or @(d:32, ERn)
A 16-bit or 32-bit displacement contained in the instruction is added to an address register (ERn)
specified by the register field of the instruction, and the sum gives the address of a memory
operand. A 16-bit displacement is sign-extended when added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com