| Electronic Components Datasheet Search |
|
HD6432147SW Datasheet(PDF) 118 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD6432147SW Datasheet(HTML) 118 Page - Renesas Technology Corp |
|
118 / 1177 page ![]() Section 2 CPU Rev. 4.00 Sep 27, 2006 page 74 of 1130 REJ09B0327-0400 End of bus request Bus request Program execution state Bus-released state Sleep mode Exception-handling state External interrupt Software standby mode RES = high Reset state*1 STBY = high, RES = low Hardware standby mode*2 Power-down state*3 Notes: 1. 2. 3. From any state except hardware standby mode, a transition to the reset state occurs whenever RES goes low. A transition can also be made to the reset state when the watchdog timer overflows. From any state, a transition to hardware standby mode occurs when STBY goes low. The power-down state also includes a watch mode, subactive mode, subsleep mode, etc. For details, refer to section 25, Power-Down State. SLEEP instruction with LSON = 0, SSBY = 0 Interrupt request End of bus request Bus request Request for exception handling End of exception handling SLEEP instruction with LSON = 0, PSS = 0, SSBY = 1 Figure 2.15 State Transitions 2.8.2 Reset State When the RES input goes low all current processing stops and the CPU enters the reset state. All interrupts are disabled in the reset state. Reset exception handling starts when the RES signal changes from low to high. The reset state can also be entered by a watchdog timer overflow. For details, refer to section 14, Watchdog Timer (WDT). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |