Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 123Page - Renesas Technology Corp HD6432147SW Datasheet HTML 124Page - Renesas Technology Corp HD6432147SW Datasheet HTML 125Page - Renesas Technology Corp HD6432147SW Datasheet HTML 126Page - Renesas Technology Corp HD6432147SW Datasheet HTML 127Page - Renesas Technology Corp HD6432147SW Datasheet HTML 128Page - Renesas Technology Corp HD6432147SW Datasheet HTML 129Page - Renesas Technology Corp HD6432147SW Datasheet HTML 130Page - Renesas Technology Corp HD6432147SW Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 1177 page
background image
Section 3 MCU Operating Modes
Rev. 4.00 Sep 27, 2006 page 83 of 1130
REJ09B0327-0400
Section 3 MCU Operating Modes
3.1
Overview
3.1.1
Operating Mode Selection
This LSI has three operating modes (modes 1 to 3). These modes enable selection of the CPU
operating mode and enabling/disabling of on-chip ROM, by setting the mode pins (MD1 and
MD0).
Table 3.1 lists the MCU operating modes.
Table 3.1
MCU Operating Mode Selection
MCU
Operating
Mode
MD1
MD0
CPU
Operating
Mode
Description
On-Chip
ROM
00
0
—
—
—
1
1
Normal
Expanded mode with on-chip ROM disabled
Disabled
2
1
0
Advanced
Expanded mode with on-chip ROM enabled
Single-chip mode
Enabled
3
1
Normal
Expanded mode with on-chip ROM enabled
Single-chip mode
The CPU’s architecture allows for 4 Gbytes of address space, but this LSI actually access a
maximum of 16 Mbytes.
Mode 1 is an externally expanded mode that allows access to external memory and peripheral
devices. With modes 2 and 3, operation begins in single-chip mode after reset release, but a
transition can be made to external expansion mode by setting the EXPE bit in MDCR.
This LSI can only be used in modes 1 to 3. These means that the mode pins must select one of
these modes. Do not changes the inputs at the mode pins during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com