Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 162 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 162 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 158Page - Renesas Technology Corp HD6432147SW Datasheet HTML 159Page - Renesas Technology Corp HD6432147SW Datasheet HTML 160Page - Renesas Technology Corp HD6432147SW Datasheet HTML 161Page - Renesas Technology Corp HD6432147SW Datasheet HTML 162Page - Renesas Technology Corp HD6432147SW Datasheet HTML 163Page - Renesas Technology Corp HD6432147SW Datasheet HTML 164Page - Renesas Technology Corp HD6432147SW Datasheet HTML 165Page - Renesas Technology Corp HD6432147SW Datasheet HTML 166Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 1177 page
background image
Section 5 Interrupt Controller
Rev. 4.00 Sep 27, 2006 page 118 of 1130
REJ09B0327-0400
5.2.2
Interrupt Control Registers A to C (ICRA to ICRC)
7
ICR7
0
R/W
6
ICR6
0
R/W
5
ICR5
0
R/W
4
ICR4
0
R/W
3
ICR3
0
R/W
0
ICR0
0
R/W
2
ICR2
0
R/W
1
ICR1
0
R/W
Bit
Initial value
Read/Write
The ICR registers are three 8-bit readable/writable registers that set the interrupt control level for
interrupts other than NMI and address break.
The correspondence between ICR settings and interrupt sources is shown in table 5.3.
The ICR registers are initialized to H'00 by a reset and in hardware standby mode.
Bit n—Interrupt Control Level (ICRn): Sets the control level for the corresponding interrupt
source.
Bit n
ICRn
Description
0
Corresponding interrupt source is control level 0 (non-priority)
(Initial value)
1
Corresponding interrupt source is control level 1 (priority)
Note:
n = 7 to 0
Table 5.3
Correspondence between Interrupt Sources and ICR Settings
Bits
Register 765
432
10
ICRA
IRQ0
IRQ1
IRQ2
IRQ3
IRQ4
IRQ5
IRQ6
IRQ7
DTC
Watchdog
timer 0
Watchdog
timer 1
ICRB
A/D
converter
Free-
running
timer
—
—
8-bit
timer
channel 0
8-bit
timer
channel 1
8-bit
timer
channels
X, Y
HIF,
Keyboard
buffer
controller
ICRC
SCI
channel 0
SCI
channel 1
SCI
channel 2
IIC
channel 0
(option)
IIC
channel 1
(option)
——
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com