Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 217 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 217 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 213Page - Renesas Technology Corp HD6432147SW Datasheet HTML 214Page - Renesas Technology Corp HD6432147SW Datasheet HTML 215Page - Renesas Technology Corp HD6432147SW Datasheet HTML 216Page - Renesas Technology Corp HD6432147SW Datasheet HTML 217Page - Renesas Technology Corp HD6432147SW Datasheet HTML 218Page - Renesas Technology Corp HD6432147SW Datasheet HTML 219Page - Renesas Technology Corp HD6432147SW Datasheet HTML 220Page - Renesas Technology Corp HD6432147SW Datasheet HTML 221Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 217 / 1177 page
background image
Section 6 Bus Controller
Rev. 4.00 Sep 27, 2006 page 173 of 1130
REJ09B0327-0400
6.5
Burst ROM Interface
6.5.1
Overview
With this LSI, external space area 0 can be designated as burst ROM space, and burst ROM
interfacing can be performed.
External space can be designated as burst ROM space by means of the BRSTRM bit in BCR.
Consecutive burst accesses of a maximum of 4 words or 8 words can be performed for CPU
instruction fetches only. One or two states can be selected for burst access.
6.5.2
Basic Timing
The number of states in the initial cycle (full access) of the burst ROM interface is in accordance
with the setting of the AST bit. Also, when the AST bit is set to 1, wait state insertion is possible.
One or two states can be selected for the burst cycle, according to the setting of the BRSTS1 bit in
BCR. Wait states cannot be inserted.
When the BRSTS0 bit in BCR is cleared to 0, burst access of up to 4 words is performed; when
the BRSTS0 bit is set to 1, burst access of up to 8 words is performed.
The basic access timing for burst ROM space is shown in figures 6.14 (a) and (b). The timing
shown in figure 6.14 (a) is for the case where the AST and BRSTS1 bits are both set to 1, and that
in figure 6.14 (b) is for the case where both these bits are cleared to 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com