Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 225 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 225 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 221Page - Renesas Technology Corp HD6432147SW Datasheet HTML 222Page - Renesas Technology Corp HD6432147SW Datasheet HTML 223Page - Renesas Technology Corp HD6432147SW Datasheet HTML 224Page - Renesas Technology Corp HD6432147SW Datasheet HTML 225Page - Renesas Technology Corp HD6432147SW Datasheet HTML 226Page - Renesas Technology Corp HD6432147SW Datasheet HTML 227Page - Renesas Technology Corp HD6432147SW Datasheet HTML 228Page - Renesas Technology Corp HD6432147SW Datasheet HTML 229Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 1177 page
background image
Section 7 Data Transfer Controller (DTC)
Rev. 4.00 Sep 27, 2006 page 181 of 1130
REJ09B0327-0400
7.1.3
Register Configuration
Table 7.1 summarizes the DTC registers.
Table 7.1
DTC Registers
Name
Abbreviation
R/W
Initial Value
Address*
1
DTC mode register A
MRA
—*
2
Undefined
—*
3
DTC mode register B
MRB
—*
2
Undefined
—*
3
DTC source address register
SAR
—*
2
Undefined
—*
3
DTC destination address register
DAR
—*
2
Undefined
—*
3
DTC transfer count register A
CRA
—*
2
Undefined
—*
3
DTC transfer count register B
CRB
—*
2
Undefined
—*
3
DTC enable registers
DTCER*
4
R/W
H'00
H'FEEE to H'FEF2
DTC vector register
DTVECR*
4
R/W
H'00
H'FEF3
Module stop control register
MSTPCRH
R/W
H'3F
H'FF86
MSTPCRL
R/W
H'FF
H'FF87
Notes: 1. Lower 16 bits of the address.
2. Registers within the DTC cannot be read or written to directly.
3. Allocated to on-chip RAM addresses H'EC00 to H'EFFF as register information.
They cannot be located in external memory space.
When the DTC is used, do not clear the RAME bit in SYSCR to 0.
4. The H8S/2144 Group and H8S/2147N do not include an on-chip DTC, and therefore the
DTCER and DTVECR register addresses should not be accessed by the CPU.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com