Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 283Page - Renesas Technology Corp HD6432147SW Datasheet HTML 284Page - Renesas Technology Corp HD6432147SW Datasheet HTML 285Page - Renesas Technology Corp HD6432147SW Datasheet HTML 286Page - Renesas Technology Corp HD6432147SW Datasheet HTML 287Page - Renesas Technology Corp HD6432147SW Datasheet HTML 288Page - Renesas Technology Corp HD6432147SW Datasheet HTML 289Page - Renesas Technology Corp HD6432147SW Datasheet HTML 290Page - Renesas Technology Corp HD6432147SW Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 243 of 1130
REJ09B0327-0400
8.6
Port 5
8.6.1
Overview
Port 5 is a 3-bit I/O port. Port 5 pins also function as SCI0 I/O pins (TxD0, RxD0, SCK0), and the
IIC0 I/O pin (SCL0) (option in H8S/2148 Group and H8S/2147N only). In the H8S/2148 Group
and H8S/2147N, P52 and SCK0 are NMOS push-pull outputs, and SCL0 is an NMOS open-drain
output. Port 5 pin functions are the same in all operating modes.
Figure 8.13 shows the port 5 pin configuration.
P52 (I/O)/SCK0 (I/O)/SCL0 (I/O)
P51 (I/O)/RxD0 (Input)
P50 (I/O)/TxD0 (Output)
Port 5
Port 5 pins
Figure 8.13 Port 5 Pin Functions
8.6.2
Register Configuration
Table 8.12 shows the port 5 register configuration.
Table 8.12
Port 5 Registers
Name
Abbreviation
R/W
Initial Value
Address*
Port 5 data direction register
P5DDR
W
H'F8
H'FFB8
Port 5 data register
P5DR
R/W
H'F8
H'FFBA
Note:
*
Lower 16 bits of the address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com