Electronic Components Datasheet Search
  English  ▼

X  

HD6432147SW Datasheet(PDF) 320 Page - Renesas Technology Corp

Part # HD6432147SW
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2100 Series
PDF  1177 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6432147SW Datasheet(HTML) 320 Page - Renesas Technology Corp

Back Button HD6432147SW Datasheet HTML 316Page - Renesas Technology Corp HD6432147SW Datasheet HTML 317Page - Renesas Technology Corp HD6432147SW Datasheet HTML 318Page - Renesas Technology Corp HD6432147SW Datasheet HTML 319Page - Renesas Technology Corp HD6432147SW Datasheet HTML 320Page - Renesas Technology Corp HD6432147SW Datasheet HTML 321Page - Renesas Technology Corp HD6432147SW Datasheet HTML 322Page - Renesas Technology Corp HD6432147SW Datasheet HTML 323Page - Renesas Technology Corp HD6432147SW Datasheet HTML 324Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 320 / 1177 page
background image
Section 8 I/O Ports
Rev. 4.00 Sep 27, 2006 page 276 of 1130
REJ09B0327-0400
Pin
Selection Method and Pin Functions
PB4/D4
The pin function is switched as shown below according to the combination of
the operating mode, bit PB4DDR, and bit ABW in WSCR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3
(EXPE = 0)
ABW
0
1
—
PB4DDR
—
0
101
Pin function
D4
I/O pin
PB4
input pin
PB4
output pin
PB4
input pin
PB4
output pin
PB3/D3/
CS4
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS4E in SYSCR2, bit ABW in WSCR, and
bit PB3DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3
(EXPE = 0)
HI12E
—
Either cleared to 0
1
CS4E
—
1
ABW
0
1
——
PB3DDR
—
010
1
—
Pin function
D3
I/O pin
PB3
input pin
PB3
output pin
PB3
input pin
PB3
output pin
CS4
input pin
PB2/D2/
CS3
The pin function is switched as shown below according to the combination of
the operating mode, bits HI12E and CS3E in SYSCR2, bit ABW in WSCR, and
bit PB2DDR.
Operating
mode
Modes 1, 2, 3
(EXPE = 1)
Modes 2, 3
(EXPE = 0)
HI12E
—
Either cleared to 0
1
CS3E
—
1
ABW
0
1
——
PB2DDR
—
010
1
—
Pin function
D2
I/O pin
PB2
input pin
PB2
output pin
PB2
input pin
PB2
output pin
CS3
input pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com