Electronic Components Datasheet Search
  English  ▼

X  

H8S2282F Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # H8S2282F
Description  16-Bit Single-Chip Microcomputer H8S Family/H8S/2200 Series
PDF  615 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

H8S2282F Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button H8S2282F Datasheet HTML 113Page - Renesas Technology Corp H8S2282F Datasheet HTML 114Page - Renesas Technology Corp H8S2282F Datasheet HTML 115Page - Renesas Technology Corp H8S2282F Datasheet HTML 116Page - Renesas Technology Corp H8S2282F Datasheet HTML 117Page - Renesas Technology Corp H8S2282F Datasheet HTML 118Page - Renesas Technology Corp H8S2282F Datasheet HTML 119Page - Renesas Technology Corp H8S2282F Datasheet HTML 120Page - Renesas Technology Corp H8S2282F Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 615 page
background image
Section 5 Interrupt Controller
Rev. 3.00 Sep 26, 2006 page 85 of 580
REJ09B0148-0300
Table 5.3
Interrupt Control Modes
Interrupt
Control Mode
Priority Setting
Registers
Interrupt
Mask Bits
Description
0
Default
I
The priorities of interrupt sources are fixed at the
default settings.
Interrupt sources, except for NMI, are masked
by the I bit.
2
IPR
I2 to I0
8 priority levels other than NMI can be set with
IPR.
8-level interrupt mask control is performed by
bits I2 to I0.
5.6.1
Interrupt Control Mode 0
In interrupt control mode 0, interrupt requests other than for NMI are masked by the I bit of the
CCR in the CPU. Figure 5.3 shows a flowchart of the interrupt acceptance operation in this case.
1
If an interrupt source occurs when the corresponding interrupt enable bit is set to 1, an
interrupt request is sent to the interrupt controller.
2
If the I bit is set to 1, only an NMI interrupt is accepted, and other interrupt requests are held
pending. If the I bit is cleared, an interrupt request is accepted.
3
Interrupt requests are sent to the interrupt controller, the highest-ranked interrupt according to
the priority system is accepted, and other interrupt requests are held pending.
4
When the CPU accepts an interrupt request, it starts interrupt exception handling after
execution of the current instruction has been completed.
5
The PC and CCR are saved to the stack area by interrupt exception handling. The PC saved on
the stack shows the address of the first instruction to be executed after returning from the
interrupt handling routine.
6
Next, the I bit in CCR is set to 1. This masks all interrupts except NMI.
7
The CPU generates a vector address for the accepted interrupt and starts execution of the
interrupt handling routine at the address indicated by the contents of the vector address in the
vector table.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com