Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 138 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 138 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 134Page - Renesas Technology Corp SH7016 Datasheet HTML 135Page - Renesas Technology Corp SH7016 Datasheet HTML 136Page - Renesas Technology Corp SH7016 Datasheet HTML 137Page - Renesas Technology Corp SH7016 Datasheet HTML 138Page - Renesas Technology Corp SH7016 Datasheet HTML 139Page - Renesas Technology Corp SH7016 Datasheet HTML 140Page - Renesas Technology Corp SH7016 Datasheet HTML 141Page - Renesas Technology Corp SH7016 Datasheet HTML 142Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 104 of 716
REJ09B0398-0500
Table 8.2
Register Configuration
Name
Abbr.
R/W
Initial Value Address
Access Size
Bus control register 1
BCR1
R/W
H'200F
H'FFFF8620 8, 16, 32
Bus control register 2
BCR2
R/W
H'FFFF
H'FFFF8622 8, 16, 32
Wait state control register 1
WCR1
R/W
H'FFFF
H'FFFF8624 8, 16, 32
Wait state control register 2
WCR2
R/W
H'000F
H'FFFF8626 8, 16, 32
DRAM area control register
DCR
R/W
H'0000
H'FFFF862A 8, 16, 32
Refresh timer control/status register RTCSR
R/W
H'0000
H'FFFF862C 8, 16, 32
Refresh timer counter
RTCNT
R/W
H'0000
H'FFFF862E 8, 16, 32
Refresh time constant register
RTCOR
R/W
H'0000
H'FFFF8630 8, 16, 32
8.1.5
Address Map
Figure 8.2 shows the address format used by the SH7014.
A31 to A24
A23, A22
A21
Output address:
Output from the address pins
Space selection:
Not output externally; used to select the type of space
On-chip ROM space or CS space when 00000000 (H'00)
DRAM space when 00000001 (H'01)
Reserved (do not access) when 00000010 to 11111110 (H'02 to H'FE)
On-chip peripheral module space or on-chip RAM space when 11111111 (H'FF)
CS space selection:
Decoded, outputs
CS0 to CS3 when A31 to A24 = 00000000
A0
Figure 8.2 Address Format
This LSI uses 32-bit addresses:
• A31 to A24 are used to select the type of space and are not output externally.
• Bits A23 and A22 are decoded and output as chip select signals (CS0 to CS3) for the
corresponding areas when bits A31 to A24 are 00000000.
• A21 to A0 are output externally.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com