Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 141 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 141 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 137Page - Renesas Technology Corp SH7016 Datasheet HTML 138Page - Renesas Technology Corp SH7016 Datasheet HTML 139Page - Renesas Technology Corp SH7016 Datasheet HTML 140Page - Renesas Technology Corp SH7016 Datasheet HTML 141Page - Renesas Technology Corp SH7016 Datasheet HTML 142Page - Renesas Technology Corp SH7016 Datasheet HTML 143Page - Renesas Technology Corp SH7016 Datasheet HTML 144Page - Renesas Technology Corp SH7016 Datasheet HTML 145Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 141 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 107 of 716
REJ09B0398-0500
8.2
Description of Registers
8.2.1
Bus Control Register 1 (BCR1)
BCR1 is a 16-bit read/write register that selects multiplex I/O, and specifies the bus size of the CS
spaces.
Write bits 8 to 0 of BCR1 during the initialization stage after a power-on reset, and do not change
the values thereafter. In on-chip ROM ineffective mode, do not access any CS space other than
CS0 until after completion of register initialization.
BCR1 is initialized by power-on resets to H'200F, but is not initialized by software standbys.
Bit:
15
14
13
12
11
10
9
8
⎯
⎯
⎯
⎯
⎯
⎯
⎯
IOE
Initial value:
0
0
1
0
0
0
0
0
R/W:
R
R
R
R
R
R
R
R/W
Bit:
7
6
5
4
3
2
1
0
⎯
⎯
⎯
⎯
A3SZ
A2SZ
A1SZ
A0SZ
Initial value:
0
0
0
0
1
1
1
1
R/W:
R
R
R
R
R/W
R/W
R/W
R/W
Note:
Do not write 1 to bits 4 to 7, as operation is not guaranteed in this case.
Bits 15, 14, 12 to 9
⎯Reserved: These bits always read as 0. The write value should always be 0.
Bit 13
⎯Reserved: This bit always read as 1. The write value should always be 1.
Bit 8
⎯Multiplex I/O Enable (IOE): Selects the use of CS3 space as ordinary space or
address/data multiplex I/O space. A 0 selects ordinary space and a 1 selects address/data multiplex
I/O space. When address/data multiplex I/O space is selected, the address and data are multiplexed
and output from the data bus. When CS3 space is an address/data multiplex I/O space, bus size is
decided by the A14 bit (A14 = 0: 8 bit, A14 = 1: 16 bit).
Bit 8
IOE
Description
0
CS3 space is ordinary space
(initial value)
1
CS3 space is address/data multiplex I/O space



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com