Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 142 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 142 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 138Page - Renesas Technology Corp SH7016 Datasheet HTML 139Page - Renesas Technology Corp SH7016 Datasheet HTML 140Page - Renesas Technology Corp SH7016 Datasheet HTML 141Page - Renesas Technology Corp SH7016 Datasheet HTML 142Page - Renesas Technology Corp SH7016 Datasheet HTML 143Page - Renesas Technology Corp SH7016 Datasheet HTML 144Page - Renesas Technology Corp SH7016 Datasheet HTML 145Page - Renesas Technology Corp SH7016 Datasheet HTML 146Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 108 of 716
REJ09B0398-0500
Bits 7 to 4
⎯Reserved: These bits read 0 after a reset. The write value should always be 0.
Operation is not guaranteed if the write value is 1.
Bit 3
⎯CS3 Space Size Specification (A3SZ): Specifies the CS3 space bus size. This is effective
only when CS3 space is ordinary space. When CS3 space is an address/data multiplex I/O space,
bus size is decided by the A14 bit.
Bit 3
A3SZ
Description
0
Byte (8-bit) size
(initial value)
1
Word (16-bit) size
Bit 2
⎯CS2 Space Size Specification (A2SZ): Specifies the CS2 space bus size.
Bit 2
A2SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(initial value)
Bit 1
⎯CS1 Space Size Specification (A1SZ): Specifies the CS1 space bus size.
Bit 1
A1SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(initial value)
Bit 0
⎯CS0 Space Size Specification (A0SZ): Specifies the CS0 space bus size.
Bit 0
A0SZ
Description
0
Byte (8-bit) size
1
Word (16-bit) size
(initial value)
Note:
A0SZ is effective only in on-chip ROM effective mode. In on-chip ROM ineffective mode,
the CS0 space bus size is specified by the mode pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com