Electronic Components Datasheet Search
  English  ▼

X  

SH7016 Datasheet(PDF) 146 Page - Renesas Technology Corp

Part # SH7016
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7016 Datasheet(HTML) 146 Page - Renesas Technology Corp

Back Button SH7016 Datasheet HTML 142Page - Renesas Technology Corp SH7016 Datasheet HTML 143Page - Renesas Technology Corp SH7016 Datasheet HTML 144Page - Renesas Technology Corp SH7016 Datasheet HTML 145Page - Renesas Technology Corp SH7016 Datasheet HTML 146Page - Renesas Technology Corp SH7016 Datasheet HTML 147Page - Renesas Technology Corp SH7016 Datasheet HTML 148Page - Renesas Technology Corp SH7016 Datasheet HTML 149Page - Renesas Technology Corp SH7016 Datasheet HTML 150Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 754 page
background image
8. Bus State Controller (BSC)
Rev.5.00 Sep. 27, 2007 Page 112 of 716
REJ09B0398-0500
Bit 1
SW1
Description
0
No CS1 space
CS assert extension
1
CS1 space
CS assert extension
(initial value)
Bit 0
SW0
Description
0
No CS0 space
CS assert extension
1
CS0 space
CS assert extension
(initial value)
8.2.3
Wait Control Register 1 (WCR1)
WCR1 is a 16-bit read/write register that specifies the number of wait cycles (0 to 15) for each CS
space.
WCR1 is initialized by power-on resets to H'FFFF, but is not initialized by software standbys.
Bit:
15
14
13
12
11
10
9
8
W33
W32
W31
W30
W23
W22
W21
W20
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit:
7
6
5
4
3
2
1
0
W13
W12
W11
W10
W03
W02
W01
W00
Initial value:
1
1
1
1
1
1
1
1
R/W:
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bits 15 to 12
⎯CS3 Space Wait Specification (W33, W32, W31, W30): Specifies the number of
waits for CS3 space access.
Bit 15
W33
Bit 14
W32
Bit 13
W31
Bit 12
W30
Description
0
0
0
0
No wait (external wait input disabled)
0
0
0
1
1 wait external wait input enabled
⋅⋅⋅
1
1
1
1
15 wait external wait input enabled
(initial value)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com