| Electronic Components Datasheet Search |
|
SH7016 Datasheet(PDF) 144 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7016 Datasheet(HTML) 144 Page - Renesas Technology Corp |
|
144 / 754 page ![]() 8. Bus State Controller (BSC) Rev.5.00 Sep. 27, 2007 Page 110 of 716 REJ09B0398-0500 Bit 13 IW21 Bit 12 IW20 Description 0 0 No idle cycle after accessing CS2 space 1 Inserts one idle cycle 1 0 Inserts two idle cycles 1 Inserts three idle cycles (initial value) Bit 11 IW11 Bit 10 IW10 Description 0 0 No idle cycle after accessing CS1 space 1 Inserts one idle cycle 1 0 Inserts two idle cycles 1 Inserts three idle cycles (initial value) Bit 9 IW01 Bit 8 IW00 Description 0 0 No idle cycle after accessing CS0 space 1 Inserts one idle cycle 1 0 Inserts two idle cycles 1 Inserts three idle cycles (initial value) Bits 7 to 4 ⎯Idle Specification for Continuous Access (CW3, CW2, CW1, CW0): The continuous access idle specification makes insertions to clearly delineate the bus intervals by once negating the CSn signal when doing consecutive accesses of the same CS space. When a write immediately follows a read, the number of idle cycles inserted is the larger of the two values specified by IW and CW. Refer to section 8.6, Waits between Access Cycles, for details. CW3 specifies the continuous access idles for CS3 space; CW2 specifies the continuous access idles for CS2 space; CW1 specifies the continuous access idles for CS1 space and CW0 specifies the continuous access idles for CS0 space. Bit 7 CW3 Description 0 No CS3 space continuous access idle cycles 1 One CS3 space continuous access idle cycle (initial value) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |